Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3630 Datasheet(PDF) 8 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 8 Page - ams AG

Back Button AS3630 Datasheet HTML 4Page - ams AG AS3630 Datasheet HTML 5Page - ams AG AS3630 Datasheet HTML 6Page - ams AG AS3630 Datasheet HTML 7Page - ams AG AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG AS3630 Datasheet HTML 10Page - ams AG AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 72 page
background image
AS3630 – 8
8A Supercap Flash Driver
All limits are guaranteed. The parameters with min and max
values are guaranteed with production tests or SQC (Statistical
Quality Control) methods.
VVIN = +2.5V to +4.8V, TAMB = -30ºC to +85ºC, unless otherwise
specified. Typical values are at VBAT = +3.7V, TAMB = +25ºC,
unless otherwise specified.
Figure AS3630 – 6:
Electrical Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
General Operating Conditions
VVIN
Supply Voltage
2.5
3.7
4.8
V
ISHUTDOWN
Shutdown
Current
AS3630 off, VBAT<3.7V, TAMB ≤ 50ºC,
ON=0
0.5
2.0
μA
ISTANDBY
Standby Current
AS3630 off, VBAT<3.7V, TAMB ≤ 50ºC,
ON=1
1.0
10
μA
IPRE_
CHARGE_
LOW_POWER
Supercap
pre-charging
current
mode_setting = Supercap pre-charge
and charge_current =00b
2μA
TAMB
Operating
Temperature
-30
25
85
ºC
DCDC1/2 Step Up Converter
VDCDC
DCDC Boost
output Voltage
(pin VDCDC)
DCDC1 (LDCDC1) and/or DCDC2
(LDCDC2) is in operation
10
V
η
Efficiency
DCDC1 (LDCDC1) or DCDC2 (LDCDC2)
90
%
fCLK
Operating
Frequency
All internal timings are derived from
this oscillator
-10%
4.0
+10%
MHz
max_duty
DCDC
DCDC1/2
maximum duty
cycle
84
%
RSW_P1
DCDC Switch
SW1 - VDCDC
100
m
Ω
RSW_N1
DCDC Switch
SW1 - GND
100
m
Ω
RSW_P2
DCDC Switch
SW2 - VDCDC
70
m
Ω
RSW_N2
DCDC Switch
SW2 - GND
100
m
Ω
Electrical Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com