Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3630 Datasheet(PDF) 6 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 6 Page - ams AG

Back Button AS3630 Datasheet HTML 2Page - ams AG AS3630 Datasheet HTML 3Page - ams AG AS3630 Datasheet HTML 4Page - ams AG AS3630 Datasheet HTML 5Page - ams AG AS3630 Datasheet HTML 6Page - ams AG AS3630 Datasheet HTML 7Page - ams AG AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG AS3630 Datasheet HTML 10Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 72 page
background image
AS3630 – 6
8A Supercap Flash Driver
Stresses beyond those listed under “Absolute Maximum
Ratings“ may cause permanent damage to the device. These are
stress ratings only. Functional operation of the device at these
or any other conditions beyond those indicated under
“Operating Conditions” is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Figure AS3630 – 5:
Absolute Maximum Ratings
Parameter
Min
Max
Units
Comments
VIN, SDA, SCL, ON, STROBE,
TXMASK/TORCH, INT, IND_OUT, NTC
and BAL to GND
-0.3
+7.0
V
SDA, SCL, ON, STROBE,
TXMASK/TORCH, INT, IND_OUT, NTC to
GND
-0.3
VIN + 0.3
V
VDCDC, SW1, SW2, VDCDC, LED_OUT and
VSUPERCAP to GND
-0.3
+11
V
VDCDC to SW1
VDCDC to SW2
VDCDC to LED_OUT
VSUPERCAP to BAL
-0.3
V
Diode between
•VDCDC and SW1
•VDCDC and SW2
•VDCDC and LED_OUT
•VSUPERCAP and BAL
AGND, PGND to GND
0.0
0.0
V
Connect AGND and PGND to GND
directly below the ball (short
connection required)
Input Pin Current without causing
latchup
-100
+100
+IIN
mA
Norm: EIA/JESD78
Continuous Power Dissipation (TA = +70ºC)
Continuous power dissipation
2770
mW
PT
1
Continuous power dissipation derating
factor
37
mW/ºC
PDERATE
2
Electrostatic Discharge
ESD HBM
±2000
V
Norm: JEDEC JESD22-A114F
ESD MM
±100
V
Norm: JEDEC JESD 22-A115-B
Absolute Maximum Ratings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com