Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AS3630 Datasheet(PDF) 9 Page - ams AG

Part # AS3630
Description  8A Supercap Flash Driver
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3630 Datasheet(HTML) 9 Page - ams AG

Back Button AS3630 Datasheet HTML 5Page - ams AG AS3630 Datasheet HTML 6Page - ams AG AS3630 Datasheet HTML 7Page - ams AG AS3630 Datasheet HTML 8Page - ams AG AS3630 Datasheet HTML 9Page - ams AG AS3630 Datasheet HTML 10Page - ams AG AS3630 Datasheet HTML 11Page - ams AG AS3630 Datasheet HTML 12Page - ams AG AS3630 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 72 page
background image
8A Supercap Flash Driver
AS3630 – 9
Supercap Charger / Discharge
VSUPERCAP_
EOC
1
End of charge
voltage for
Supercap
Programmable in
90mV steps by
register
end_of_charge_vo
ltage above 5.5V
max. 60000s
during lifetime of
AS3630
0
4.469
4.57
4.671
V
1
4.557
4.66
4.763
V
2
4.646
4.75
4.855
V
3
4.724
4.83
4.936
V
4
4.820
4.93
5.036
V
5
4.900
5.01
5.12
V
6
4.995
5.11
5.219
V
7
5.082
5.2
5.31
V
8
5.170
5.29
5.402
V
9
5.258
5.38
5.494
V
Ah
5.345
5.47
5.585
V
Bh
5.433
5.56
5.677
V
Ch
5.526
5.65
5.774
V
Dh
5.616
5.74
5.868
V
Eh
5.704
5.83
5.96
V
Fh
5.793
5.92
6.053
V
ISUPERCAP_
CHARGE
Pre-charging
current of
Supercap2
Pre-charging and
transition (to
charge) of
Supercap - see
Supercap
Charging/Discharg
e/Pre-charge to
VIN ; final charging
to VSUPERCAP_EOC is
controlled by
coil1_peak
charge_current
=00b, low
quiescent
current mode
100
200
300
mA
01b
380
500
650
10b
570
750
975
11b
760
1000
1300
IKEEP_
CHARGE
Keeping Supercap
charged current
During torch, charge or PWM
operation keep VSUPERCAP charged
if keep_sc_charged =1
10
mA
RDIS_
CHARGE
Discharge
resistance for
VSUPERCAP
mode_setting = 001b / shutdown
and discharge Supercap
250*2
Ω
Symbol
Parameter
Conditions
Min
Typ
Max
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com