Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1694AS Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP1694AS
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694AS Datasheet(HTML) 5 Page - Diodes Incorporated

  AP1694AS Datasheet HTML 1Page - Diodes Incorporated AP1694AS Datasheet HTML 2Page - Diodes Incorporated AP1694AS Datasheet HTML 3Page - Diodes Incorporated AP1694AS Datasheet HTML 4Page - Diodes Incorporated AP1694AS Datasheet HTML 5Page - Diodes Incorporated AP1694AS Datasheet HTML 6Page - Diodes Incorporated AP1694AS Datasheet HTML 7Page - Diodes Incorporated AP1694AS Datasheet HTML 8Page - Diodes Incorporated AP1694AS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AP1694AS-13
Document number: DS37789 Rev. 1 - 2
5 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP1694AS-13
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
7
25
V
TA
Ambient Temperature
-40
+105
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
UVLO Section
VTH (ST)
Start-up Threshold
13
14.5
16
V
VOPR (Min)
Minimum Operating Voltage
After turn on
5.5
6.5
7.5
V
VCC_OVP
VCC OVP Voltage
27
29
31
V
VCC Delatch Voltage (Note 5)
3
4
5
V
Standby Current Section
IST
Start-up Current
VCC = VTH (ST) -0.5V,
Before start up
20
µA
ICC (OPR)
Operating Current
Static
900
1,300
µA
Drive Output Section
VGATE
Gate Voltage
11
12
14
V
ISOURCE_L
Low Driver Source Current
35
40
45
mA
ISOURCE_H
High Driver Source Current
90
100
120
mA
RDS(on)
Sink Resistance
6
7
8
Current Sense Section
VCS_REF
Current Sense Reference
1
V
VCS_CLAMP
Current Sense Reference Clamp
1.2
1.4
V
tONP_MIN
Minimum tONP
700
1,000
ns
tD(H-L)
Delay to Output (Note 5)
50
150
250
ns
Feedback Input Section
IFB
Feedback Pin Input Leakage
Current
VFB = 2V
4
µA
VFB_CV
FB CV Threshold
3.8
4
4.2
V
VFB_OVP
FB OVP Threshold
4.5
6
7.5
V
Output Current
System Output Current On Final
Test Board
±2
%
Over Temperature Protection Section
Shutdown Temperature (Note 5)
+150
°C
Temperature Hysteresis (Note 5)
+20
°C
Note 5:
These parameters, although guaranteed by design, are not 100% tested in production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com