Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1694AS Datasheet(PDF) 8 Page - Diodes Incorporated

Part # AP1694AS
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694AS Datasheet(HTML) 8 Page - Diodes Incorporated

Back Button AP1694AS Datasheet HTML 4Page - Diodes Incorporated AP1694AS Datasheet HTML 5Page - Diodes Incorporated AP1694AS Datasheet HTML 6Page - Diodes Incorporated AP1694AS Datasheet HTML 7Page - Diodes Incorporated AP1694AS Datasheet HTML 8Page - Diodes Incorporated AP1694AS Datasheet HTML 9Page - Diodes Incorporated AP1694AS Datasheet HTML 10Page - Diodes Incorporated AP1694AS Datasheet HTML 11Page - Diodes Incorporated AP1694AS Datasheet HTML 12Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
AP1694AS-13
Document number: DS37789 Rev. 1 - 2
8 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP1694AS-13
Application Information Based on Buck Structure
The AP1694AS-13 uses constant on time control method within one AC cycle to achieve the high power factor. When the dimmer is connected to
the driver, although a part of input voltage is cut off by the dimmer, the system still operates in constant on time mode. In this way, good dimmer
compatibility can be realized.
T1
OUT
+
VCC
FB
OUT
CS
GND
C3
R7
R5
R6
R4
D1
C4
R3
Q1
BD1
C1
L1
R8
D2
R1
RI
SGND
R2
R9
RF
L
N
C2
Z1
Q2
F1
TVS1
U1 AP1694AS-13
Figure 1. Typical Buck Application Circuit
When the dimmer is connected, and the conduction angle of the dimmer is

; according to the control principle of the IC, the output current
can be determined as:
_
1
sin( )
1
( , )
( , )
28
2
0
cs ref
o
pk
V
if
II
R
else
 
 
 
 
 

In consideration of the dead zone of the buck structure, the output current DC value can be calculated as below:
_
0
1
( , )
o mean
o
I
k
I
d
  

Where,
_
cs ref
V
is the reference of the current sense, and the typical value is 1V.
is the cutoff angle of dimmer.
is the phase of the input voltage.
k is the current modification coefficient , and the value is approximate to be 0.7.
When no dimmer is connected with the driver (
0
), the output current DC value can be calculated by:
s_ref
_
1
8
c
o mean
V
Ik
R
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com