Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

AP1694AS Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP1694AS
Description  OFFLINE, HIGH PF, HIGH EFFICIENCY DIMMABLE LED DRIVER CONTROLLER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP1694AS Datasheet(HTML) 4 Page - Diodes Incorporated

  AP1694AS Datasheet HTML 1Page - Diodes Incorporated AP1694AS Datasheet HTML 2Page - Diodes Incorporated AP1694AS Datasheet HTML 3Page - Diodes Incorporated AP1694AS Datasheet HTML 4Page - Diodes Incorporated AP1694AS Datasheet HTML 5Page - Diodes Incorporated AP1694AS Datasheet HTML 6Page - Diodes Incorporated AP1694AS Datasheet HTML 7Page - Diodes Incorporated AP1694AS Datasheet HTML 8Page - Diodes Incorporated AP1694AS Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
AP1694AS-13
Document number: DS37789 Rev. 1 - 2
4 of 14
www.diodes.com
July 2015
© Diodes Incorporated
AP1694AS-13
Functional Block Diagram
Absolute Maximum Ratings (Note 4) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VCC
Power Supply Voltage
-0.3 to 35
V
IOUT
Driver Output Current
150
mA
VCS
Voltage at CS to GND
-0.3 to 7
V
VFB
FB Input Voltage
-40 to 10
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10 sec)
+300
°C
PD
Power Dissipation (TA = +50C)
0.65
W
θJA
Thermal Resistance (Junction to Ambient)
160
°C/W
ESD (Human Body Model)
±2,000
V
ESD (Machine Model)
±200
V
Note 4:
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional
operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
Regulator&
Bias
Tons
Detector
Tons
Power_EN
Driver
FB
VCC
OUT
PFM
R
S
Q
Vref
CC_CTRL
TONP_CTRL
CS
GND
Vdd
Protection
& Latch
PRO
CS_OCP
FB_CV
FB_OVP
VCC_OVP
Logic
Set Initial Tonp
Constant Turn-on
Time Generation
Vcsmax
Vcs_valley
RI
SGND
5
2
3
4
6
7
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com