Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6001 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 1 Page - STMicroelectronics

  ALED6001 Datasheet HTML 1Page - STMicroelectronics ALED6001 Datasheet HTML 2Page - STMicroelectronics ALED6001 Datasheet HTML 3Page - STMicroelectronics ALED6001 Datasheet HTML 4Page - STMicroelectronics ALED6001 Datasheet HTML 5Page - STMicroelectronics ALED6001 Datasheet HTML 6Page - STMicroelectronics ALED6001 Datasheet HTML 7Page - STMicroelectronics ALED6001 Datasheet HTML 8Page - STMicroelectronics ALED6001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
This is information on a product in full production.
November 2015
DocID026965 Rev 2
1/26
ALED6001
Automotive-grade PWM-dimmable single channel LED driver with
integrated boost controller
Datasheet
- production data
Features
• AECQ100 qualification
• Switching controller section
– 5.5 V to 36 V input voltage range
– Very low shutdown current: ISHDN < 10 µA
– Internal +5 V LDO for gate driver supply
– Internal +3.3 V LDO for device supply
– Fixed frequency peak current mode control
– Adjustable (100 kHz to 1 MHz) switching
frequency
– External synchronization for multi-device
applications
– High performance external MOSFET driver
– Cycle-by-cycle external MOSFET OCP
– Fixed internal soft-start
– Programmable output OVP
– Boost, buck-boost and SEPIC topologies
supported
– Thermal shutdown with autorestart
– Output short-circuit detection
• LED control section
– Up to 60 V output voltage
– Constant current control loop
– High-side output current sensing circuitry
– 30 to 300 mV differential sensing voltage
– ± 4% output current reference accuracy
– Output overcurrent protection
– Sensing resistor failure protection
– PWM dimming with auxiliary series switch
– Analog dimming
Applications
• Automotive exterior lighting
• Daytime running lights
• High and low beam lights
• Fog lights
• Position lights / blinkers
Description
The ALED6001 is an automotive-grade
(AECQ100 compliant) LED driver that combines a
boost controller and high-side current sensing
circuitry optimized for driving one string of high-
brightness LEDs. The device is compatible with
multiple topologies such as boost, SEPIC and
floating load buck-boost. PWM dimming of the
LED brightness is achieved by means of an
external MOSFET in series with the LED string
and directly driven by a dedicated pin. The pin
that manages the LED current setting, usually
connected to an external resistor, can also be
used as analog control if a microcontroller is
located in the LED module. The high-side current
sensing, in combination with a P-channel
MOSFET, provides effective protection in case
the positive terminal of the LED string is shorted
to ground. The high precision current sensing
circuitry allows an LED current regulation
reference within ± 4% accuracy over the entire
temperature range and production spread. A fault
output (open-drain) informs the host system of
faulty conditions: device overtemperature, output
overvoltage (disconnected LED string) and LED
overcurrent.
Table 1. Device summary
TSSOP-16
Order code
Package
Packaging
ALED6001
HTSSOP-16
(exposed pad)
Tube
ALED6001TR
Tape and reel
www.st.com


Similar Part No. - ALED6001

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ALED6000 STMICROELECTRONICS-ALED6000 Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
ALED6000PHTR STMICROELECTRONICS-ALED6000PHTR Datasheet
4Mb / 45P
Automotive 3 A single channel LED driver with integrated DC-DC converter
12-Oct-2021
More results

Similar Description - ALED6001

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM3431 NSC-LM3431 Datasheet
540Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_08 Datasheet
541Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
LM3431 NSC-LM3431_09 Datasheet
605Kb / 24P
3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Texas Instruments
LM3431 TI1-LM3431_14 Datasheet
1Mb / 36P
3-Channel Constant Current LED Driver with Integrated Boost Controller
logo
Diodes Incorporated
AL8807BQ DIODES-AL8807BQ Datasheet
2Mb / 18P
AUTOMOTIVE GRADE 30V 1.3A PWM DIMMABLE BUCK LED DRIVER
Rev 1
logo
ON Semiconductor
LV52204MU ONSEMI-LV52204MU Datasheet
522Kb / 16P
LED Boost Driver with PWM
May, 2014
logo
Allegro MicroSystems
A6217 ALLEGRO-A6217 Datasheet
1Mb / 19P
Automotive-Grade, Constant-Current PWM Dimmable Buck Regulator LED Driver
logo
STMicroelectronics
LED6001 STMICROELECTRONICS-LED6001 Datasheet
559Kb / 26P
PWM-dimmable single channel LED driver with integrated boost controlle
26-Jun-2014
logo
Bright Power Semiconduc...
BP2876D BPS-BP2876D Datasheet
495Kb / 2P
PWM Dimmable Buck LED Driver
logo
Allegro MicroSystems
ALT80800 ALLEGRO-ALT80800 Datasheet
1Mb / 23P
Automotive-Grade, Constant-Current 2.0 A PWM Dimmable Synchronous Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com