Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6001 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ALED6001 Datasheet HTML 15Page - STMicroelectronics ALED6001 Datasheet HTML 16Page - STMicroelectronics ALED6001 Datasheet HTML 17Page - STMicroelectronics ALED6001 Datasheet HTML 18Page - STMicroelectronics ALED6001 Datasheet HTML 19Page - STMicroelectronics ALED6001 Datasheet HTML 20Page - STMicroelectronics ALED6001 Datasheet HTML 21Page - STMicroelectronics ALED6001 Datasheet HTML 22Page - STMicroelectronics ALED6001 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
DocID026965 Rev 2
19/26
ALED6001
Device description
26
Figure 10. Differential feedback reference voltage vs. ADIM pin voltage
In case a fixed output (LED) current is needed or simple PWM dimming is used, the ADIM
pin must be connected to the central tap of a resistor divider (supplied by the LDO3 pin) for
the desired LED current level. Because of the best LED current accuracy overtemperature
is obtained at full scale, a voltage higher than 1.2 V should be applied at the ADIM pin in
case the analog dimming is not needed.
If an analog dimming control is required, the voltage at the ADIM pin can be changed
runtime within its functional range. A simple way to perform an analog dimming is easily
achieved by extracting the average value of a PWM signal through a simple RC low-pass
filter (Figure 10).
Figure 11. Simple ADIM pin voltage control through a filtered PWM signal
If the voltage at the ADIM pin is lower than 240 mV, both the PWMO and GATE pins are
forced low and the boost converter is temporary disabled. As soon as the ADIM pin voltage
is driven inside the operating range, normal operation is resumed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com