Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

ALED6001 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ALED6001
Description  Automotive-grade PWM-dimmable single channel LED driver with integrated boost controller
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ALED6001 Datasheet(HTML) 5 Page - STMicroelectronics

  ALED6001 Datasheet HTML 1Page - STMicroelectronics ALED6001 Datasheet HTML 2Page - STMicroelectronics ALED6001 Datasheet HTML 3Page - STMicroelectronics ALED6001 Datasheet HTML 4Page - STMicroelectronics ALED6001 Datasheet HTML 5Page - STMicroelectronics ALED6001 Datasheet HTML 6Page - STMicroelectronics ALED6001 Datasheet HTML 7Page - STMicroelectronics ALED6001 Datasheet HTML 8Page - STMicroelectronics ALED6001 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
DocID026965 Rev 2
5/26
ALED6001
Pin function
26
Table 2. Pin description
No.
Pin
1
PWMI
Device enable and PWM dimming control input.
2FSW
Switching frequency setting. A resistor between this pin and SGND sets the
desired switching frequency. This pin is also used as synchronization input. If tied
high (e.g.: connected to LDO3 pin) a 600 kHz switching frequency is set.
3XFAULT
Fault indicator, open-drain output. This pin is tied low by the device in case of
faulty condition. See Section 7.4 on page 20 for details.
4LDO3
3.3 V linear regulator output and device supply. Connect a 1
μF (typ.) bypass
MLCC between this pin and SGND as close as possible to the chip.
5SGND
Signal ground. Return for analog circuitry. All setting components must refer to this
grounding pin.
6COMP
Boost controller loop compensation. A simple RC series must be connected
between this pin and SGND for proper loop compensation. See Section 7.2.3 on
page 14 for details.
7ADIM
Analog dimming control input. The current at the output is linearly controlled by the
voltage applied to this pin (0.3 V to 1.2 V). When the device is set to operate in
standalone mode, a partition of the LDO3 voltage must be applied to this pin
through a resistor divider.
8
OVFB
Output overvoltage protection feedback input. Connect to the central tap of
a resistor divider at the output.
9
CSNS
Boost controller power switch current sensing input. Connect to the source of the
external Power MOSFET for proper switch overcurrent protection.
10
PWMO
PWM dimming control output. This pin provides a PWM output signal (in phase
with the one applied to the PWMI pin) for direct control of a dimming N-channel
MOSFET.
11
PGND
Power ground. Return for the VDR linear regulator and the power switch gate
drivers. Also used as reference for the Power MOSFET current sensing circuitry.
Connect to ground as close as possible to the quiet terminal of the power switch
sensing resistor.
12
GATE
Power switch gate driver output. Connect to the gate of the Power MOSFET
through a small value resistor.
13
VDR
5 V linear regulator output and gate driver supply. Connect a 1
μF (typ.) bypass
MLCC between this pin and PGND as close as possible to the chip.
14
VIN
Supply voltage input. Connect this pin to the supply power rail. A 1
μF (typ.)
bypass MLCC must be connected between this pin and PGND as close as
possible to the chip.
15
VFBN
Output current differential sensing input, negative terminal. Connect to the hot
terminal (load side) of the high-side sensing resistor.
16
VFBP
Output current differential sensing input, positive terminal. Connect to the quiet
terminal (output capacitor side) of the high-side sensing resistor.
-TPAD
Thermal pad. Connect to a suitable ground plane area in order to ensure proper
heat dissipation. Electrically connected to PGND and SGND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com