Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

L9779WD Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9779WD
Description  Multifunction IC for engine management system
PDF  170 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9779WD Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9779WD Datasheet HTML 97Page - STMicroelectronics L9779WD Datasheet HTML 98Page - STMicroelectronics L9779WD Datasheet HTML 99Page - STMicroelectronics L9779WD Datasheet HTML 100Page - STMicroelectronics L9779WD Datasheet HTML 101Page - STMicroelectronics L9779WD Datasheet HTML 102Page - STMicroelectronics L9779WD Datasheet HTML 103Page - STMicroelectronics L9779WD Datasheet HTML 104Page - STMicroelectronics L9779WD Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 170 page
background image
DocID027452 Rev 5
101/170
L9779WD
Functional description
169
6.16.2
Auto-adaptative sensor filter
Two main VRS configuration sets are available for VRS, by means of CONFIG_REG1
register bit 1: fully adaptive VRS mode and limited adaptive VRS mode (default: 0).
For VRS configurations in both limited and fully adaptive mode, CONFIG_REG5 is used.
Auto-adaptative hysteresis (fully adaptive mode)
When enabled the auto adaptative hysteresis works as described below.
Input signals difference is obtained through a full differential amplifier; its output, DV signal,
is fed to peak detection circuit and then to A/D converter implemented with 4 voltage
comparators (5 levels) (Pvi).
Output of A/D is sent to Logic block (Table 45: Hysteresis threshold precision) that
implements correlation function between Peak voltage and hysteresis value; hysteresis
value is used by square filtering circuit which conditions DV signal.
Figure 63. Auto adaptative hysteresis diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com