Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED1642GWPTR Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 3Page - STMicroelectronics LED1642GWPTR Datasheet HTML 4Page - STMicroelectronics LED1642GWPTR Datasheet HTML 5Page - STMicroelectronics LED1642GWPTR Datasheet HTML 6Page - STMicroelectronics LED1642GWPTR Datasheet HTML 7Page - STMicroelectronics LED1642GWPTR Datasheet HTML 8Page - STMicroelectronics LED1642GWPTR Datasheet HTML 9Page - STMicroelectronics LED1642GWPTR Datasheet HTML 10Page - STMicroelectronics LED1642GWPTR Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
DocID024395 Rev 6
7/42
LED1642GW
Absolute maximum ratings
42
2
Absolute maximum ratings
Stressing the device above the ratings listed in the Table 2 may cause the device permanent
damage. Operating under conditions above those indicated in the operating section is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
the device reliability.
22
19
SDO
Serial data output terminal
23
20
R-EXT
Terminal for external resistor for constant current
programming
24
21
VDD
Supply voltage terminal
Table 1. Pin description (continued)
TSSOP24
TSSOP24EP
QSOP-24
QFN-24
Symbol
Name and function
Table 2. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VDD
Supply voltage
0 to 7
V
VOUT
Output voltage
-0.5 to 20
V
IOUT
Output current
50
mA
Vi
Input voltage
-0.4 to VDD +0.4
V
IGND
GND terminal current
1400
mA
ESD
Electrostatic discharge protection
HBM human body model
±2
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com