Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED1642GWPTR Datasheet(PDF) 25 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 21Page - STMicroelectronics LED1642GWPTR Datasheet HTML 22Page - STMicroelectronics LED1642GWPTR Datasheet HTML 23Page - STMicroelectronics LED1642GWPTR Datasheet HTML 24Page - STMicroelectronics LED1642GWPTR Datasheet HTML 25Page - STMicroelectronics LED1642GWPTR Datasheet HTML 26Page - STMicroelectronics LED1642GWPTR Datasheet HTML 27Page - STMicroelectronics LED1642GWPTR Datasheet HTML 28Page - STMicroelectronics LED1642GWPTR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
DocID024395 Rev 6
25/42
LED1642GW
Configuration register
42
8.6
SDO delay (CFG-13)
Usually in SDO terminal, data are shifted out the rising edge of CLK signal (with a
propagation delay of about 15 ns - signal (a) in Figure 21). The device has the possibility to
shift data out the falling edge of the CLK signal (with few ns of propagation delay - signal (b)
in Figure 21). This feature is active when CFG -13 bit of the configuration register is "1".
Default setting for this bit is "0" hence the SDO delay is not activated by default. This feature
is particularly useful when some devices are connected in daisy chain configuration with
mismatched propagation delays, between CLK and SDO data path (board routing).
Figure 17. Output TON (current rise time) CFG -
12 = CFG - 11 = 0
Figure 18. Output TOFF (current fall time) CFG -
2 = CFG - 11 = 0
AM13698V1
AM13699V1
Figure 19. Output TON (current rise time) CFG -
12 = CFG - 11 = 1
Figure 20. Output TOFF (current fall time) CFG -
12 = CFG - 11 = 1
AM13700V1
AM13701V1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com