Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

LED1642GWPTR Datasheet(PDF) 19 Page - STMicroelectronics

Part # LED1642GWPTR
Description  16 channel LED driver with error detection current gain control
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED1642GWPTR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button LED1642GWPTR Datasheet HTML 15Page - STMicroelectronics LED1642GWPTR Datasheet HTML 16Page - STMicroelectronics LED1642GWPTR Datasheet HTML 17Page - STMicroelectronics LED1642GWPTR Datasheet HTML 18Page - STMicroelectronics LED1642GWPTR Datasheet HTML 19Page - STMicroelectronics LED1642GWPTR Datasheet HTML 20Page - STMicroelectronics LED1642GWPTR Datasheet HTML 21Page - STMicroelectronics LED1642GWPTR Datasheet HTML 22Page - STMicroelectronics LED1642GWPTR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
DocID024395 Rev 6
19/42
LED1642GW
Configuration register
42
8.1
Gain control (from CFG 0 to 5) and current ranges (CFG- 6)
The LED current can be programmed using an external resistor connected to GND from
REXT pin and can be fixed using the dedicated bits of the configuration register (from CFG -
0 to CFG - 5 bits define the gain, while CFG - 6 bit defines the current range within the which
the gain can be adjusted). The device can regulate the current up to 36 mA and down to 0.5
mA. The accuracy of the LED current depends on the selected range and it is guaranteed in
the ranges indicated in the static electrical characteristics only (see Table 3 and 9). When
the device is switched on, the selected current range and the resistor connected to the REXT
pin fix the default LED current:
Where VREF=1.23 V is the voltage of the REXT pin and K is the mirroring current ratio, whose
value depends on the selected current range:
K = 28 with low current range selected (CFG - 6 = "0")
K = 80 with high current range selected (CFG - 6 = "1")
The relation between the programmed current and the current gain settings is the following:
where G is the current gain value (decimal value) defined by the dedicated bits of the
current gain register. The current gain is managed by 6-bits of the configuration register
(CFG - 0 to CFG - 5, CFG - 0 is LSB and CFG - 5 is MSB) and can be adjusted within two
ranges (selectable through the bit CFG - 6) over 64 steps. The width of each step depends
on the default current (Iol_default) as well as the selected REXT. Finally, each step is as
follows:
CFG-14
Gradual output
delay
R/W
“0” a progressive delay is applied to output (10 ns per
channel)
”1” no delay is applied to output
0
CFG-15
12/16 PWM
counter
R/W
“0” to select 16-bit brightness register (65536 grayscale
rightness steps).
“1” to select 12-bit brightness register (4096 grayscale
brightness steps)
0
Table 8. Configuration register (continued)
Bit
Definition
R/W
Description
Default
K
R
V
I
EXT
REF
default
OL
=
_
)
(
_
ste p
default
OL
OL
I
G
I
I
Δ
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com