Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD5377CB Datasheet(PDF) 73 Page - STMicroelectronics

Part # VD5377CB
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CB Datasheet(HTML) 73 Page - STMicroelectronics

Back Button VD5377CB Datasheet HTML 69Page - STMicroelectronics VD5377CB Datasheet HTML 70Page - STMicroelectronics VD5377CB Datasheet HTML 71Page - STMicroelectronics VD5377CB Datasheet HTML 72Page - STMicroelectronics VD5377CB Datasheet HTML 73Page - STMicroelectronics VD5377CB Datasheet HTML 74Page - STMicroelectronics VD5377CB Datasheet HTML 75Page - STMicroelectronics VD5377CB Datasheet HTML 76Page - STMicroelectronics VD5377CB Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 88 page
background image
Doc ID 022952 Rev 2
73/88
VD5377
I2C register map
e
GPIO_STANDBY
gpio_standby_en
0
PRW
01
STANDBY output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_standby_a
1
PRW
00
STANDBY data output (when
_en = 0)
gpio_standby_zi
2
PR
00
STANDBY IO value
f
PWM_PERIOD
pwm_period
7:0
PRW
ff
PWM period duration (20us tick
period)
10
PWM_PULSEHIGH0 pwm_pulse_high0
7:0
PRW
00
PWM0 pulse high duration
(20 us tick period) - 0 = disable
11
PWM_PULSEHIGH1 pwm_pulse_high1
7:0
PRW
00
PWM1 pulse high duration
(20 us tick period) - 0 = disable
12
PWM_PULSEHIGH2 pwm_pulse_high2
7:0
PRW
00
PWM2 pulse high duration
(20 us tick period) - 0 = disable
15
CLOCKS_LO
clk_motion_timer
1
PRW
00
Timer clock enabled (forced
always on)
clk_pci_en
4
PRW
00
PCI clock enable (forced always
on)
clk_framedump_en
5
PRW
00
Framedump clock enable
(forced always on)
16
RESETS
software_reset_n
0
PRWC
01
Software reset result in full
system reboot (active low - auto
cleared)
Reserved
4:1
PRW
0f
Do not modify these bits.
framedump_reset_n
5
PRW
00
Framedump reset signal (active
low)
Reserved
7:6
PRW
00
Do not modify these bits.
19
CONTROL
motion_engine_start
7
PRW
00
Timer interrupt enable. This
enables the Motion timer to
operate. Motion timer generates
pulses that trigger frame
capture and motion processing.
Table 38. I2C register map (continued)
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com