Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD5377CB Datasheet(PDF) 43 Page - STMicroelectronics

Part # VD5377CB
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CB Datasheet(HTML) 43 Page - STMicroelectronics

Back Button VD5377CB Datasheet HTML 39Page - STMicroelectronics VD5377CB Datasheet HTML 40Page - STMicroelectronics VD5377CB Datasheet HTML 41Page - STMicroelectronics VD5377CB Datasheet HTML 42Page - STMicroelectronics VD5377CB Datasheet HTML 43Page - STMicroelectronics VD5377CB Datasheet HTML 44Page - STMicroelectronics VD5377CB Datasheet HTML 45Page - STMicroelectronics VD5377CB Datasheet HTML 46Page - STMicroelectronics VD5377CB Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 88 page
background image
Doc ID 022952 Rev 2
43/88
VD5377
Additional features
Figure 18. BACKLED configuration
BACKLED0
VTOP
BACKLED1
BACKLED2
VD5377
BACKLED0
VTOP
BACKLED1
BACKLED2
VD5377
x3 backlight LED scheme
Single backlight LED scheme
Table 26. BACKLED control registers
Addr
(Hex)
Register name
SIgnal name
Bit
Type
Default
(Hex)
Comment
9
GPIO_BACKLED0
gpio_backled0_en
0
PRW
00
BACKLED0 output enable (active
low)
0 = PAD configured as OUTPUT
1 = PAD configured as INPUT
gpio_backled0_a
1
PRW
01
BACKLED0 data output (when
_en = 0)
gpio_backled0_zi
2
PR
01
BACKLED0 IO value
gpio_backled0_tm
3
PRW
00
Reserved. Do not modify this bit.
gpio_backled0_a_
ctrl
4PRW
00
BACKLED0 data output origin
0 = Output value from HW
register
1 = Output value from PWM 0
gpio_backled0_
opendrain
7PRW
01
BACKLED0 pad open drain
control
0 = BACKLED0 pad normal config
1 = BACKLED0 pad in open drain
(A=EN)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com