Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VD5377CB Datasheet(PDF) 34 Page - STMicroelectronics

Part # VD5377CB
Description  Ultra-low power motion sensor for optical finger navigation (OFN)
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD5377CB Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VD5377CB Datasheet HTML 30Page - STMicroelectronics VD5377CB Datasheet HTML 31Page - STMicroelectronics VD5377CB Datasheet HTML 32Page - STMicroelectronics VD5377CB Datasheet HTML 33Page - STMicroelectronics VD5377CB Datasheet HTML 34Page - STMicroelectronics VD5377CB Datasheet HTML 35Page - STMicroelectronics VD5377CB Datasheet HTML 36Page - STMicroelectronics VD5377CB Datasheet HTML 37Page - STMicroelectronics VD5377CB Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 88 page
background image
Key features
VD5377
34/88
Doc ID 022952 Rev 2
0x47 gives the current exposure time. This register is also used to enter the required
exposure time in manual exposure mode. Register 0x44 is the MAX_EXPO_PIX (read-
only).
Registers 0x45/0x46 are the upper and lower exposure targets (180 to 240 by default).
When the MEP is within this range the exposure is judged to have “converged” and no
further exposure updates are required until the MEP moves outside the target range. It is not
normally required to adjust the exposure targets.
The default exposure range is 1 to 255. These limits are programmable with registers
0x49/0x4a.
By default, exposure update rate is every two frames. This can be adjusted using register
0x4b. Exposure convergence can be modified by changing the exposure
increment/decrement step sizes with registers 0x4e/0x4f/0x50.
Table 18. Exposure control
Addr
(Hex)
Register name
Signal name
Bit
Type
Default
(Hex)
Comment
43
EXPOSURE_CONTROL
autoexpo_en
0
RW
01
Auto exposure control
0 = Disable
1 = Enable
autoexpo_status
6:4
R
00
Auto exposure status
0 = UNDEF (no AEC
performed yet)
1 = LOW (exposure
increasing)
2 = STABLE (max exposed
pixel within range)
3 = HIGH (exposure
decreasing)
4 = SATURATED (exposure
saturation decreasing)
autoexpo_limit_flag
7
R
00
Exposure limit reached flag
0 = Exposure time within
range
1 = Exposure time limit
reached
44
MAX_EXPO_PIX
max_exposed_pixel_v
alue
7:0
PR
00
Second maximum pixel value
of the current frame (before
CDS)
45
MAX_EXPO_PIX_THRE
SH_HIGH
max_exposed_pixel_t
hresh_high
7:0
RW
f0
High threshold value of max
exposed pixel where the AEC
is stable.
46
MAX_EXPO_PIX_THRE
SH_LOW
max_exposed_pixel_t
hresh_low
7:0
RW
b4
Low threshold value of max
exposed pixel where the AEC
is stable.
47
EXPOTIME
exposure_time
7:0
PRW
40
Exposure time value in 3 MHz
clk period step (333ns)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com