Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC21152 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 3Page - Semtech Corporation SC21152 Datasheet HTML 4Page - Semtech Corporation SC21152 Datasheet HTML 5Page - Semtech Corporation SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation SC21152 Datasheet HTML 10Page - Semtech Corporation SC21152 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
SC21152
7
Typical Characteristics
Frequency vs load - 5VIN, PWM operation
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Load (A)
0.8V
1.0V
1.2V
1.5V
1.8V
2.2V
2.5V
3.3V
Frequency vs load - 3.3VIN, PWM operation
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Load (A)
0.8V
1.0V
1.2V
1.5V
1.8V
Frequency vs load - 2.3VIN, PWM operation
3.6
3.7
3.8
3.9
4.0
4.1
4.2
4.3
4.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
Load (A)
0.8V
1.0V
Quiescent Current vs Output Voltage
16
18
20
22
24
26
28
30
0.8
1.2
1.6
2.0
2.4
2.8
3.2
VOUT (V)
2.3V
3.3V
4.2V
5.0V
RDS
ON vs. Input Voltage
80
120
160
200
240
280
320
360
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
High-side
Low-side
VIN = 5.0V, VOUT as shown, Load = 0.5A to 1.2A
VIN = 3.3V, VOUT as shown, Load = 0.5A to 1.2A
VIN = 2.3V, VOUT as shown, Load = 0.5A to 1.2A
VIN as shown, VOUT as shown, no load, Rbot = 100kΩ
RDS
ON vs. Temperature
80
100
120
140
160
180
200
220
240
260
280
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
High-side
Low-side
VIN = 2.3V, VOUT as shown, Load = 0.5A to 1.2A
VIN = 2.3V, 3.3V,. 4.2V, 5.0V. VOUT as shown., no load, Rbot = 100kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com