Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC21152 Datasheet(PDF) 1 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 1 Page - Semtech Corporation

  SC21152 Datasheet HTML 1Page - Semtech Corporation SC21152 Datasheet HTML 2Page - Semtech Corporation SC21152 Datasheet HTML 3Page - Semtech Corporation SC21152 Datasheet HTML 4Page - Semtech Corporation SC21152 Datasheet HTML 5Page - Semtech Corporation SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
© 2015 Semtech Corporation
POWER MANAGEMENT
1
SC21152
Tiny 1.2A Synchronous Buck
Regulator with Power Good
Typical Application Circuit
Rev 1.0
Features
Input voltage range — 2.3V to 5.5V
1.2A continuous output current
4MHz switching frequency
Adjustable Output Voltage
1% output voltage accuracy
Adaptive On-Time architecture
Up to 100% duty cycle
Up to 96% peak efficiency
Power Save mode for efficient light load operation
>90% efficiency 30mA to 75mA
0.1μA shutdown current
21μA quiescent current
Power Good Indicator
Pre-bias startup protection
Internal soft start
1.5mm x 2mm, 6-Lead MLPD package
WEEE and RoHS compliant and halogen-free
Applications
Tablet PCs
GPS devices
Battery powered equipment
Portable devices
Smart Phones
Wearable Electronics
Description
The SC21152 is an ultra high efficiency 1.2A DC/DC buck
regulator available in a small MLPD package. These fea-
tures make the SC21152 perfect for small form factor con-
sumer applications where high efficiency is essential.
SC21152 is an Adaptive On-Time 4MHz switching regula-
tor at full load conditions. Under light load conditions it
transitions into PFM Power Save Mode and reduces switch-
ing frequency thus saving energy. High switching fre-
quency operation allows the use of a very small 0.47μH
inductor along with small input and output capacitors to
minimize overall circuit size.
The SC21152 is highly configurable with a wide range of
factory options including internal soft start time, fixed or
adjustable output voltage, automatic output discharge,
and switching frequency.
The SC21152 is offered in a small 6-Lead 1.5mm x 2mm
MLPD package.
Adjustable Output Voltage
2.3V-5.5V Supply
SC21152
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
PG
Power
Good
Fixed Output Voltage
2.3V-5.5V Supply
SC21152
0.47µH
1.2A
Output
EN
VIN
LX
EN
GND
FB
10µF
4.7µF
PG
Power
Good


Similar Part No. - SC21152

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
SC21152 GENNUM-SC21152 Datasheet
1Mb / 18P
Adaptive On-Time architecture
More results

Similar Description - SC21152

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT1362 AIMTRON-AT1362 Datasheet
710Kb / 13P
Synchronous Buck Converter With Power Good Detector & LDO
logo
Microchip Technology
TC1303B MICROCHIP-TC1303B Datasheet
601Kb / 30P
500 mA Synchronous Buck Regulator, 300 mA LDO with Power-Good Output
2005
MCP1602 MICROCHIP-MCP1602 Datasheet
464Kb / 26P
2.0 MHz, 500 mA Synchronous Buck Regulator with Power-Good
2007
logo
Micrel Semiconductor
MIC33153 MICREL-MIC33153 Datasheet
950Kb / 17P
4MHz PWM 1.2A Internal Inductor Buck Regulator with HyperLight Load and Power Good
logo
Global Mixed-mode Techn...
AT1362C GMT-AT1362C Datasheet
92Kb / 1P
Synchronous Buck Converter With Power Good Detector & LDO
logo
Semtech Corporation
SC21150 SEMTECH-SC21150 Datasheet
1Mb / 20P
Tiny 1.2A Synchronous Buck Regulator
logo
Intersil Corporation
ISL854102 INTERSIL-ISL854102 Datasheet
743Kb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
July 1, 2016
logo
Renesas Technology Corp
ISL854102 RENESAS-ISL854102 Datasheet
1Mb / 19P
Wide VIN 1.2A Synchronous Buck Regulator
logo
Global Mixed-mode Techn...
AT1362A GMT-AT1362A Datasheet
92Kb / 1P
Synchronous Buck Converter With Power Good Detector & LDO
logo
Microchip Technology
MIC33153 MICROCHIP-MIC33153 Datasheet
3Mb / 28P
4 MHz 1.2A Internal Inductor PWM Buck Regulator with HyperLight Load짰 and Power Good
Rev. B. April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com