Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SC21152 Datasheet(PDF) 8 Page - Semtech Corporation

Part # SC21152
Description  Tiny 1.2A Synchronous Buck Regulator with Power Good
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC21152 Datasheet(HTML) 8 Page - Semtech Corporation

Back Button SC21152 Datasheet HTML 4Page - Semtech Corporation SC21152 Datasheet HTML 5Page - Semtech Corporation SC21152 Datasheet HTML 6Page - Semtech Corporation SC21152 Datasheet HTML 7Page - Semtech Corporation SC21152 Datasheet HTML 8Page - Semtech Corporation SC21152 Datasheet HTML 9Page - Semtech Corporation SC21152 Datasheet HTML 10Page - Semtech Corporation SC21152 Datasheet HTML 11Page - Semtech Corporation SC21152 Datasheet HTML 12Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
SC21152
8
Typical Characteristics (continued)
Power Save Operation — no load
Time (4ms/div)
VIN = 5V, VOUT = 1.5V, 0mA load
VOUT (20mV/div)
LX (5V/div)
Startup - VIN ramp
Time (100µs/div)
VIN = EN = ramp to 2.3V , VOUT = 1.5V, 0mA load
VOUT (0.5V/div)
LX (5V/div)
Power Save Operation — 50mA load
Time (2μs/div)
VIN = 5V, VOUT = 1.5V, 50mA load
VOUT (20mV/div)
LX (5V/div)
Startup - EN control
Time (100µs/div)
VOUT (0.5V/div)
LX (5V/div)
VIN = 5V, VOUT = 1.5V, 0mA load
PWM Operation — 1.2A
Time (200ns/div)
VOUT (20mV/div)
LX (5V/div)
VIN = 5V, VOUT = 1.5V, 1.2A load
Startup - 1.2A load
Time (100µs/div)
VOUT (2V/div)
LX (5V/div)
VIN = 5V, VOUT = 3.3V, 1.2A Load
PG (2V/div)
VIN, EN (2V/div)
EN (5V/div)
PG (5V/div)
EN (5V/div)
PG (5V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com