Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S3C72P9 Datasheet(PDF) 5 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 5 Page - Samsung semiconductor

  S3C72P9 Datasheet HTML 1Page - Samsung semiconductor S3C72P9 Datasheet HTML 2Page - Samsung semiconductor S3C72P9 Datasheet HTML 3Page - Samsung semiconductor S3C72P9 Datasheet HTML 4Page - Samsung semiconductor S3C72P9 Datasheet HTML 5Page - Samsung semiconductor S3C72P9 Datasheet HTML 6Page - Samsung semiconductor S3C72P9 Datasheet HTML 7Page - Samsung semiconductor S3C72P9 Datasheet HTML 8Page - Samsung semiconductor S3C72P9 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 225 page
background image
S3C72P9/P72P9 (Preliminary Spec)
PRODUCT OVERVIEW
1–5
PIN DESCRIPTIONS
Table 1-1. S3C72P9/P72P9 Pin Descriptions
Pin Name
Pin Type
Description
Number
Share Pin
P0.0
P0.1
P0.2
P0.3
I/O
4-bit I/O port.
1-bit and 4-bit read/write and test are possible.
Individual pins are software configurable as input or
output.
Individual pins are software configurable as open-
drain or push-pull output.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
11
12
13
14
SCK/K0
SO/K1
SI/K2
BUZ/K3
P1.0
P1.1
P1.2
P1.3
I
4-bit input port.
1-bit and 4-bit read and test are possible.
4-bit pull-up resistors are assignable by software.
23
24
25
26
INT0
INT1
INT2
INT4
P2.0
P2.1
P2.2
I/O
Same as port 0 except that port 2 is 3-bit I/O port.
27
28
29
CLO
LCDCK
LCDSY
P3.0
P3.1
P3.2
P3.3
I/O
Same as port 0.
30
31
32
33
TCLO0
TCLO1
TCL0
TCL1
P4.0–P4.3
P5.0–P5.3
I/O
4-bit I/O ports.
1-, 4-bit or 8-bit read/write and test are possible.
Individual pins are software configurable as input or
output.
4-bit pull-up resistors are software assignable; pull-up
resistors are automatically disabled for output pins.
42–45
46–49
COM8–
COM11
COM12–
COM15
P6.0–P6.3
P7.0–P7.3
I/O
Same as P4, P5.
50–53
54–57
SEG55/K4–
SEG52/K7
SEG51–
SEG48
P8.0–P8.3
P9.0–P9.3
I/O
Same as P4, P5.
58–61
62–65
SEG47–
SEG44
SEG43–
SEG40
SCK
I/O
Serial I/O interface clock signal.
11
P0.0/K0
SO
I/O
Serial data output.
12
P0.1/K1
SI
I/O
Serial data input.
13
P0.2/K2
BUZ
I/O
2 kHz, 4 kHz, 8 kHz or 16 kHz frequency output for
buzzer signal.
14
P0.3/K3
INT0, INT1
I
External interrupts. The triggering edge for INT0 and
INT1 is selectable.
23, 24
P1.0, P1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com