Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S3C72P9 Datasheet(PDF) 6 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button S3C72P9 Datasheet HTML 2Page - Samsung semiconductor S3C72P9 Datasheet HTML 3Page - Samsung semiconductor S3C72P9 Datasheet HTML 4Page - Samsung semiconductor S3C72P9 Datasheet HTML 5Page - Samsung semiconductor S3C72P9 Datasheet HTML 6Page - Samsung semiconductor S3C72P9 Datasheet HTML 7Page - Samsung semiconductor S3C72P9 Datasheet HTML 8Page - Samsung semiconductor S3C72P9 Datasheet HTML 9Page - Samsung semiconductor S3C72P9 Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 225 page
background image
PRODUCT OVERVIEW
S3C72P9/P72P9 (Preliminary Spec)
1–6
Table 1-1. S3C72P9/P72P9 Pin Descriptions (Continued)
Pin Name
Pin Type
Description
Number
Share Pin
INT2
I
Quasi-interrupt with detection of rising or
falling edges.
25
P1.2
INT4
I
External interrupt with detection of rising or
falling edges.
26
P1.3
CLO
I/O
Clock output .
27
P2.0
LCDCK
I/O
LCD clock output for display expansion.
28
P2.1
LCDSY
I/O
LCD synchronization clock output for display
expansion.
29
P2.2
TCLO0
I/O
Timer/counter 0 clock output.
30
P3.0
TCLO1
I/O
Timer/counter 1 clock output.
31
P3.1
TCL0
I/O
External clock input for timer/counter 0.
32
P3.2
TCL1
I/O
External clock input for timer/counter 1.
33
P3.3
COM0–COM7
O
LCD common signal output.
34–41
COM8–COM11
I/O
42–45
P4.0–P4.3
COM12–COM15
46–49
P5.0–P5.3
SEG0–SEG39
O
LCD segment signal output.
5–1,
100–66
SEG40–SEG43
I/O
65–62
P9.3–P9.0
SEG44–SEG47
61–58
P8.3–P8.0
SEG48–SEG51
57–54
P7.3–P7.0
SEG52–SEG55
53–50
P6.3/K7–P6.0/K4
K0–K3
I/O
External interrupt. The triggering edge is
selectable.
11–14
P0.0–P0.3
K4–K7
50–53
P6.0–P6.3
V
DD
Main power supply.
15
V
SS
Ground.
16
RESET
I
Reset signal.
22
V
LC1–VLC5
LCD power supply.
10–6
X
IN, XOUT
Crystal, Ceramic or RC oscillator pins for
system clock.
18, 17
XT
IN, XTOUT
Crystal oscillator pins for subsystem clock.
20, 21
TEST
I
Test signal input. (must be connected to V
SS)
19
NOTE: Pull-up resistors for all I/O ports are automatically disabled if they are configured to output mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com