Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

S3C72P9 Datasheet(PDF) 2 Page - Samsung semiconductor

Part # S3C72P9
Description  SINGLE-CHIP MICROCONTROLLER HAS BEEN DESIGNED FOR HIGH PERFORMANCE USING
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

S3C72P9 Datasheet(HTML) 2 Page - Samsung semiconductor

  S3C72P9 Datasheet HTML 1Page - Samsung semiconductor S3C72P9 Datasheet HTML 2Page - Samsung semiconductor S3C72P9 Datasheet HTML 3Page - Samsung semiconductor S3C72P9 Datasheet HTML 4Page - Samsung semiconductor S3C72P9 Datasheet HTML 5Page - Samsung semiconductor S3C72P9 Datasheet HTML 6Page - Samsung semiconductor S3C72P9 Datasheet HTML 7Page - Samsung semiconductor S3C72P9 Datasheet HTML 8Page - Samsung semiconductor S3C72P9 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 225 page
background image
PRODUCT OVERVIEW
S3C72P9/P72P9 (Preliminary Spec)
1–2
FEATURES
Memory
1,056
× 4-bit RAM (excluding LCD display RAM)
32,768
× 8-bit ROM
39 I/O Pins
I/O: 35 pins
Input only: 4 pins
LCD Controller/Driver
56 segments and 16 common terminals
8, 12 and 16 common selectable
Internal resistor circuit for LCD bias
All dot can be switched on/off
LCD contrast control by software
8-bit Basic Timer
4 interval timer functions
Watch-dog timer
8-bit Timer/Counter
Programmable 8-bit timer
External event counter
Arbitrary clock frequency output
External clock signal divider
Serial I/O interface clock generator
16-Bit Timer/Counter
Programmable 16-bit timer
External event counter
Arbitrary clock frequency output
External clock signal divider
8-bit Serial I/O Interface
8-bit transmit/receive mode
8-bit receive mode
LSB-first or MSB-first transmission selectable
Internal or external clock source
Memory-Mapped I/O Structure
Data memory bank 15
Watch Timer
Time interval generation: 0.5 s, 3.9 ms
at 32768 Hz
4 frequency outputs to BUZ pin
Clock source generation for LCD
Interrupts
Four internal vectored interrupts
Four external vectored interrupts
Two quasi-interrupts
Bit Sequential Carrier
Supports 16-bit serial data transfer in arbitrary
format
Power-Down Modes
Idle mode (only CPU clock stops)
Stop mode (main system oscillation stops)
Subsystem clock stop mode
Oscillation Sources
Crystal, ceramic, or RC for main system clock
Crystal oscillator for subsystem clock
Main system clock frequency: 0.4 – 6 MHz
Subsystem clock frequency: 32.768 kHz
CPU clock divider circuit (by 4, 8, or 64)
Instruction Execution Times
0.67, 1.33, 10.7 µs at 6 MHz
0.95, 1.91, 15.3 µs at 4.19 MHz
122 µs at 32.768 kHz
Operating Temperature
– 40 °C to 85 °C
Operating Voltage Range
1.8 V to 5.5 V
Package Type
100-pin QFP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com