Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA016T Datasheet(PDF) 28 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 24Page - STMicroelectronics STA016T Datasheet HTML 25Page - STMicroelectronics STA016T Datasheet HTML 26Page - STMicroelectronics STA016T Datasheet HTML 27Page - STMicroelectronics STA016T Datasheet HTML 28Page - STMicroelectronics STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 45 page
background image
STA016T
28/45
Description :
This register contains the nth character of the song
info required (ASCII code).
CD_SONG_TYPE_INFO :
Address : 0xA6 (166)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the kind of current information
contained in the
When the track has changed the previous informa-
tion are declared “not valid”. New valid information
should be requested by user.
NB_OF_CUR_TRACK :
Address : 0xA7 (167)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of the current track
into his directory (sub-directories included): from 1 to
max number of track/subdirectory.
NB_OF_CUR_DIR :
Address : 0xA8 (168)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of the current di-
rectory into the CD: from 1 to max number of directo-
ry. This number is negative if going backward to the
end of the CD with the command directory-down.
CD_CUR_STATUS :
Address : 0xA9 (169)
Type : RO - ABO
Software Reset : 0
Description :
This register gives the status of the CD application.
b7
b6
b5
b4
b3
b2
b1
b0
Value
Signification
0
information not valid
1
ID3 song name information
2
ID3 author name information
3
ID3 album name information
4
file name information
5
directory name information
6
bytes requested
7
play list content
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Bit
Mode
0
0: unknown format.
1: recognized format
1
reserved.
2
0: searching track.
1: track founded.
3
0: ID3 present.
1: ID3 missing.
4
0: no error detected.
1: error detected.
5
0: CD application in pause.
1: CD application not in pause.
6
0: CD not playable.
1: CD playable.
7
0: music mode.
1: searching bytes mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com