Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA016T Datasheet(PDF) 30 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 26Page - STMicroelectronics STA016T Datasheet HTML 27Page - STMicroelectronics STA016T Datasheet HTML 28Page - STMicroelectronics STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics STA016T Datasheet HTML 33Page - STMicroelectronics STA016T Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 45 page
background image
STA016T
30/45
EXTRACT_BYTE_IDX_Bn:
Address : 0xB6 (182) to 0xB8 (185)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the n
th byte of the index of the
byte block to extract from the CD. This number
should be relative to the beginning of the track con-
taining these bytes.
EXTRACT_ADR_MODE :
Address : 0xBA (186)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies addressing mode type for byte
extraction: if set to 0, it is a relative (to the beginning
of the current file) addressing mode, if set to 1 it is an
absolute addressing mode (relative to the beginning
of the CD).
CD_CONFIG_MODULE :
Address : 0xBC (188)
Type : RO - ABO
Software Reset : 0xA
Description :
This register set some parameters describing the
way the module transmit the data to the DSP.
3.9 COMMAND registers description
SOFT_RESET :
Address : 0x10 (16)
Type : WO - DWT
Software Reset : 0
Description :
When user write 1 in this register, a soft reset occurs.
The core command register and the interrupt register
are cleared. The decoder goes into idle mode.
CK_CMD :
Address : 0x3A (58)
Type : WO - DBO
Software Reset : 1
Hardware Reset : 1
Description :
After a soft reset, user must write 0 in CK_CMD to run
the core clock of the chip. This will begin the boot of
the chip, and so get it out of its idle state.
DEC_SEL :
Address : 0x55 (85)
Type : RW - DEC
Software Reset : 0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Bit
FORMAT
0
0: valid data byte swapped.
1: valid data not byte swapped.
1
0: ID3 tag not checked
1: ID3 tag checked
other
reference for counting sector in
minute.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Bit
FORMAT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com