Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

STA016T Datasheet(PDF) 38 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 38 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 34Page - STMicroelectronics STA016T Datasheet HTML 35Page - STMicroelectronics STA016T Datasheet HTML 36Page - STMicroelectronics STA016T Datasheet HTML 37Page - STMicroelectronics STA016T Datasheet HTML 38Page - STMicroelectronics STA016T Datasheet HTML 39Page - STMicroelectronics STA016T Datasheet HTML 40Page - STMicroelectronics STA016T Datasheet HTML 41Page - STMicroelectronics STA016T Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 45 page
background image
STA016T
38/45
Table 4. values to configure audio PLL for ofact==512.
This table give values to configure the audio PLL according CRYCK so that to generate a PCMCK == 512*SF.
Table 5. values to configure system PLL for SYSCK.
This table give values to configure the system PLL according CRYCK so that to generate a SYSCK == 50MHz.
or SYSCK == 42.5MHz.
Register
CRYCK in MHz
10
CRYCK in MHz
14.31818
CRYCK in MHz
14.7456
PLL_AUDIO_PEL_192
42
58
85
PLL_AUDIO_PEH_192
169
187
85
PLL_AUDIO_NDIV_192
0
0
0
PLL_AUDIO_XDIV_192
1
0
1
PLL_AUDIO_MDIV_192
18
5
12
PLL_AUDIO_PEL_176
56
157
0
PLL_AUDIO_PEH_176
16
157
64
PLL_AUDIO_NDIV_176
0
0
0
PLL_AUDIO_XDIV_176
1
1
1
PLL_AUDIO_MDIV_176
17
11
11
Register
CRYCK in MHz 10
CRYCK in MHz
14.31818
CRYCK in MHz
14.7456
PLL_SYSTEM_PEL_50
162
0
28
PLL_SYSTEM_PEH_50
11
0
152
PLL_SYSTEM_NDIV_50
0
0
0
PLL_SYSTEM_XDIV_50
1
1
1
PLL_SYSTEM_MDIV_50
19
13
12
PLL_SYSTEM_PEL_42_5
0
126
100
PLL_SYSTEM_PEH_42_5
0
223
135
PLL_SYSTEM_NDIV_42_5
0
0
0
PLL_SYSTEM_XDIV_42_5
1
1
1
PLL_SYSTEM_MDIV_42_5
16
10
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com