Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NPT2021 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2021
Description  Suitable for linear and saturated applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2021 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  NPT2021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GaN Wideband Transistor 48 V, 45 W
DC - 2.5 GHz
Rev. V1
NPT2021
2
22
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
RF Electrical Specifications: TC = 25C, VDS = 48 V, IDQ = 350 mA
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
Small Signal Gain
CW, 2.5 GHz
GSS
-
14.2
-
dB
Saturated Output Power
CW, 2.5 GHz
PSAT
-
47.5
-
dBm
Drain Efficiency at Saturation
CW, 2.5 GHz
SAT
-
65
-
%
Power Gain
2.5 GHz, POUT = 45 W
GP
12
12.8
-
dB
Drain Efficiency
2.5 GHz, POUT = 45 W
45
50
-
%
Ruggedness: Output Mismatch
All phase angles
VSWR = 15:1, No Device Damage
DC Electrical Characteristics: TC = 25C
Parameter
Test Conditions
Symbol
Min.
Typ.
Max.
Units
Drain-Source Leakage Current
VGS = -8 V, VDS = 160 V
IDLK
-
-
14
mA
Gate-Source Leakage Current
VGS = -8 V, VDS = 0 V
IGLK
-
-
7
mA
Gate Threshold Voltage
VDS = 48 V, ID = 14 mA
VT
-2.5
-1.8
-0.5
V
Gate Quiescent Voltage
VDS = 48 V, ID = 350 mA
VGSQ
-2.1
-1.5
-0.3
V
On Resistance
VDS = 2 V, ID = 105 mA
RON
-
0.34
-
Saturated Drain Current
VDS = 7 V pulsed, pulse width 300 µs
ID(SAT)
-
8.2
-
A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com