Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NPT2021 Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2021
Description  Suitable for linear and saturated applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2021 Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  NPT2021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
GaN Wideband Transistor 48 V, 45 W
DC - 2.5 GHz
Rev. V1
NPT2021
3
33
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
2. Exceeding any one or combination of these limits may cause permanent damage to this device.
3. MACOM does not recommend sustained operation near these survivability limits.
4. Operating at nominal conditions with TJ ≤ 200°C will ensure MTTF > 1 x 10
6 hours.
Parameter
Absolute Maximum
Drain Source Voltage, VDS
160 V
Gate Source Voltage, VGS
-10 to 3 V
Gate Current, IG
24 mA
Junction Temperature, TJ
+200°C
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
5. Junction temperature (TJ) measured using IR Microscopy. Case temperature measured using thermocouple
embedded in heat-sink.
Parameter
Test Conditions
Symbol
Typical
Units
Thermal Resistance
VDS = 48 V, TJ = 200°C
RJC
1.60
°C/W
Thermal Characteristics5
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Nitride Circuits are sensitive to electrostatic
discharge (ESD) and can be damaged by static
electricity. Proper ESD control techniques should
be used when handling these HBM Class 1B
devices.
Absolute Maximum Ratings2,3,4



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com