Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

NPT2021 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # NPT2021
Description  Suitable for linear and saturated applications
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

NPT2021 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  NPT2021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. NPT2021 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
GaN Wideband Transistor 48 V, 45 W
DC - 2.5 GHz
Rev. V1
NPT2021
4
44
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
Frequency
(MHz)
ZS
(
)
ZL
(
)
PSAT
(W)
GSS
(dB)
Drain Efficiency
@ PSAT (%)
900
1.1 + j0.7
7.3 + j5.5
74
24
68
2000
1.4 - j6.1
2.9 + j2.4
65
17
68
2500
1.5 - j7.6
2.3 + j0.6
64
14
65
Load-Pull Performance: VDS = 48 V, IDQ = 350 mA, TC = 25°C
Reference Plane at Device Leads, CW Drain Efficiency and Output Power Tradeoff Impedance
Gain vs. Output Power
Drain Efficiency vs. Output Power
Impedance Reference
ZS and ZL vs. Frequency
ZS
ZL
12
14
16
18
20
22
24
25
30
35
40
45
50
900 MHz
2000 MHz
2500 MHz
Output Power (dBm)
0
10
20
30
40
50
60
70
25
30
35
40
45
50
900 MHz
2000 MHz
2500 MHz
Output Power (dBm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com