Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB32XAE Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI3USB32XAE
Description  High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB32XAE Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI3USB32XAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
PS9010B
03/25/10
Features
· VDD Operation at 3 V and 4.3 V
· 1.8-V Compatible Control-Pin Inputs
· IOFF Supports Full Power-Down Mode
Operation
· ron = 6-Ohm Typical
· Dron <0.35-Ohm Typical
· Cio(ON) = 5 pF Typical
· Low Power Consumption
· ESD Performance
– 7kV Human-Body Model, per JESD22 spec (A114-B, Class II)
– 1000-V Charged-Device Model (C101)
– ±4kV contact, per IEC61000-4-2
· Wide –3-dB Bandwidth = 2110 MHz Typical
· Packaged in 8-Pin TQFN (1.5 mm ´ 1.5 mm)
Application
• Routes Signals for USB 1.0, 1.1, and 2.0
Description
The PI3USB32 is a high-bandwidth switch specially designed
for the switching of high-speed USB 2.0 signals in handset and
consumer applications, such as cell phones, digital cameras, and
notebooks with hubs or controllers with limited USB I/Os. The
wide bandwidth (750 MHz) of this switch allows signals to pass
with minimum edge and phase distortion. The switch is bidirec-
tional and offers little or no attenuation of the high-speed signals
at the outputs. It is designed for low bit-to-bit skew and high
channel-to-channel noise isolation, and is compatible with vari-
ous standards, such as high-speed USB 2.0 (480 Mbps).
Block Diagram
Pin Configuiration
PI3USB32
High-Speed USB 2.0 (480 Mbps) 1-Port Switch
with Full Power Down Feature
8
4
5
1
2
3
6
7
GND
VDD
HSD1+
HSD1-
D+
D-
Control
OE
(Top View)
(Bottom View)
8
4
5
1
2
3
6
7
GND
VDD
NC = No Internal Connection
10-0146


Similar Part No. - PI3USB32XAE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PI3USB3200 DIODES-PI3USB3200 Datasheet
91Kb / 1P
3.3V, USB3.1 Gen2 and USB2, 3:2 Mux/DeMux
More results

Similar Description - PI3USB32XAE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3USB31 TI-TS3USB31 Datasheet
650Kb / 17P
HIGH-SPEED USB 2.0 (480-Mbps) 1-PORT SWITCH WITH SINGLE ENABLE
logo
Vishay Siliconix
DG2720 VISHAY-DG2720 Datasheet
133Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jun-08
DG2722 VISHAY-DG2722 Datasheet
130Kb / 8P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
13-Oct-08
logo
ON Semiconductor
NLAS7213 ONSEMI-NLAS7213 Datasheet
553Kb / 9P
High-Speed USB 2.0 (480 Mbps) DPST Switch
May, 2009 ??Rev. 3
logo
Vishay Siliconix
DG2730 VISHAY-DG2730 Datasheet
179Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
05-Sep-11
logo
Alpha & Omega Semicondu...
AOZ6186 AOSMD-AOZ6186 Datasheet
518Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
AOZ6184 AOSMD-AOZ6184 Datasheet
530Kb / 10P
High-Speed USB 2.0 (480 Mbps) DPDT Switch
logo
Pericom Semiconductor C...
PI3USB102E PERICOM-PI3USB102E Datasheet
936Kb / 7P
USB 2.0 High-Speed (480 Mbps) Switch with 5V Protection
logo
Vishay Siliconix
DG2720 VISHAY-DG2720_V01 Datasheet
165Kb / 9P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
15-Dec-14
DG2730 VISHAY-DG2730_V01 Datasheet
162Kb / 10P
2 Port, USB 2.0 High Speed (480 Mbps) Switch, DPDT Analog Switch
23-Jan-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com