Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB32XAE Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PI3USB32XAE
Description  High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB32XAE Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PI3USB32XAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 9Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 10Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 11Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
PI3USB32
High-Speed USB 2.0 (480 Mbps)
1-port Switch with Full Power Down Feature
PS9010B
03/25/10
Capacitance
VDD
GND
VBIAS
VOE
VOE = VDD or GND
VBIAS = VDD or GND
Capacitance is measured at HSD+,
D+, and OE inputs during ON
and OFF conditions.
Capacitance
Meter
VIN
VOUT1
D+
HSD+
OE
10-0146



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com