Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

PI3USB32XAE Datasheet(PDF) 2 Page - Pericom Semiconductor Corporation

Part # PI3USB32XAE
Description  High-Speed USB 2.0 (480 Mbps) 1-Port Switch with Full Power Down Feature
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI3USB32XAE Datasheet(HTML) 2 Page - Pericom Semiconductor Corporation

  PI3USB32XAE Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 5Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 6Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 7Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 8Page - Pericom Semiconductor Corporation PI3USB32XAE Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
PI3USB32
High-Speed USB 2.0 (480 Mbps)
1-port Switch with Full Power Down Feature
PS9010B
03/25/10
Pin Description
Name
Description
OE
Bus-switch enable
D+, D-, HSD+, HSD-
Data ports
NC
No connect
Truth Table
OE
Description
H
Disconnect
L
D+, D- = HSD+, HSD-
Supply Voltage Range (VDD)...............................................–0.5V to +7V
Control Input Voltage Range (VIN)(2)(3) ..............................–0.5V to +7V
VI/O Switch I/O Voltage Range(2)(3)(4)
HSD+, HSD– ..................................................–0.5V to VDD+0.3
D+, D– when VDD > 0 ....................................–0.5V to VDD+0.3
D+, D– when VDD > 0 .........................................................5.25V
Control Input Clamp Current........................................................–50 mA
I/O Port Clamp Current.................................................................–50 mA
ON-state switch current(5).............................................................±64 mA
Continuous current through VDD or GND..................................±100 mA
I/O Port Clamp Current.................................................................–50 mA
Note:
(1) Stresses greater than those listed under MAXIMUM
RATINGS may cause permanent damage to the device. This
is a stress rating only and functional operation of the device
at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Ex-
posure to absolute maximum rating conditions for extended
periods may affect reliability.
(2) All voltages are with respect to ground, unless otherwise
specified.
(3) The input and output voltage ratings may be exceeded if
the input and output clamp-current ratings are observed.
(4) VI and VO are used to denote specific conditions for VI/O.
(5) II and IO are used to denote specific conditions for II/O.
Absolute Maximum Ratings(1)
(Over operating free-air temperature range unless otherwise noted.)
10-0146



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com