Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-50 Datasheet(PDF) 2 Page - CUI INC

Part # VOF-50
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-50 Datasheet(HTML) 2 Page - CUI INC

  VOF-50 Datasheet HTML 1Page - CUI INC VOF-50 Datasheet HTML 2Page - CUI INC VOF-50 Datasheet HTML 3Page - CUI INC VOF-50 Datasheet HTML 4Page - CUI INC VOF-50 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-50 │ DESCRIPTION: AC-DC POWER SUPPLY
date 07/22/2014
│ page 2 of 5
INPUT
parameter
conditions/description
min
typ
max
units
voltage
90
277
Vac
frequency
47
63
Hz
input current
at 115 Vac, full load
at 230 Vac, full load
1.1
0.5
A
A
inrush current
at 230 Vac, cold start
50
A
leakage current
at 277 Vac
3.5
mA
no load power consumption
at 110 Vac
at 230 Vac
0.19
0.30
W
W
input fuse
2 A/250V time delay fuse (included)
OUTPUT
parameter
conditions/description
min
typ
max
units
line regulation
low line to high line
±0.5
%
load regulation
full load to 10% load
±1
%
initial set point accuracy
±3
%
transient response
1 kHz, 10~100% load
VOF-50-5
VOF-50-12
VOF-50-15
VOF-50-24
500
1200
1500
2400
mVp-p
mVp-p
mVp-p
mVp-p
hold-up time
at 115 Vac, full load
8
ms
start-up time
at 115 Vac, full load
50
ms
start-up delay
at 115 Vac, full load
1000
ms
adjustability
built in trim pot
±5
%
switching frequency
61
65
69
kHz
temperaturecoefficient
±0.03
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
short circuit protection
hiccup, auto recovery
110
%
over current protection
hiccup, auto recovery
110
%
over voltage protection
clamped by TVS
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output
input to ground
output to ground
3,000
1,500
1,500
Vac
Vac
Vac
safety approvals
UL60950-1, EN60950-1
EMI/EMC1
EN 55022: 2010 Class B, EN 61204-3:2000, EN
61000-6-3: 2007 +A1: 2011, EN 61000-3-2:
2006 +A2: 2009, EN 61000-3-3: 2008, EN 55024:
2010, EN 61000-6-1: 2007, ENV 50204: 1995, CE,
FCC
class
class II
MTBF
as per MIL-HDBK-217F at 25 °C, full load
250,000
hours
RoHS
2011/65/EU
Notes:
1.Thepowersupplyisconsideredacomponentwhichwillbeinstalledintofinalequipment.ThefinalequipmentstillmustbetestedtomeetthenecessaryEMCdirectives.
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com