Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-50 Datasheet(PDF) 4 Page - CUI INC

Part # VOF-50
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-50 Datasheet(HTML) 4 Page - CUI INC

  VOF-50 Datasheet HTML 1Page - CUI INC VOF-50 Datasheet HTML 2Page - CUI INC VOF-50 Datasheet HTML 3Page - CUI INC VOF-50 Datasheet HTML 4Page - CUI INC VOF-50 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
CUI Inc
│ SERIES: VOF-50 │ DESCRIPTION: AC-DC POWER SUPPLY
date 07/22/2014
│ page 4 of 5
CN1
PIN
Function
1
L
2
NP
3
N
CN2
PIN
Function
1
+Vo
2
+Vo
3
-Vo
4
-Vo
units: mm[inch]
tolerance: ±0.30
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
101.6 x 50.8 x 33.6 (4.00 x 2.00 x 1.32 inch)
mm
weight
160
g
cooling method
open frame (convection)
MECHANICAL DRAWING
Notes:
1. CN1 mates with Molex housing 09-50-3031 with Molex 2478 series crimp contact or equivalent.
2. CN2 mates with Molex housing 09-50-3041 with Molex 2478 series crimp contact or equivalent.
3.AllspecificationsaremeasuredatTa=25°C,230Vacinputvoltage,andratedoutputloadunlessotherwisespecified.
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com