Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

VOF-50 Datasheet(PDF) 1 Page - CUI INC

Part # VOF-50
Description  AC-DC POWER SUPPLY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VOF-50 Datasheet(HTML) 1 Page - CUI INC

  VOF-50 Datasheet HTML 1Page - CUI INC VOF-50 Datasheet HTML 2Page - CUI INC VOF-50 Datasheet HTML 3Page - CUI INC VOF-50 Datasheet HTML 4Page - CUI INC VOF-50 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date 07/22/2014
page 1 of 5
SERIES: VOF-50
│ DESCRIPTION: AC-DC POWER SUPPLY
PART NUMBER KEY
VOF-50 - XX
Base Number
Output Voltage
FEATURES
• up to 50 W continuous power
• compact size
• universal input (90~277 Vac)
• single output from 5~24 Vdc
• user trimmable output voltage option
• no load power consumption <0.19W
• 3000 Vac isolation
• over current, over voltage, and short circuit protections
• UL/cUL and TUV 60950-1 safety approvals
• efficiency up to 89%
MODEL
output
voltage
output
current
output
power
ripple
and noise1
efficiency
(Vdc)
max
(A)
max
(W)
max
(mVp-p)
typ
(%)
VOF-50-5
5
6.67
33.35
120
82
VOF-50-12
12
4.2
50
120
87
VOF-50-15
15
3.4
50
150
88
VOF-50-24
24
2.1
50
240
89
Notes:
1.Ripple&noisearemeasuredat20MHzBWwith0.1μFceramiccapanda10μFelectrolyticcapacitorsontheoutputandthetwoearthgroundpadsareconnectedto
input earth ground.
For more information, please visit the product page.


Similar Part No. - VOF-50

ManufacturerPart #DatasheetDescription
logo
CUI INC
VOF-50 CUI-VOF-50 Datasheet
460Kb / 5P
AC-DC POWER SUPPLY
11/19/2020
VOF-50-12 CUI-VOF-50-12 Datasheet
460Kb / 5P
AC-DC POWER SUPPLY
11/19/2020
VOF-50-15 CUI-VOF-50-15 Datasheet
460Kb / 5P
AC-DC POWER SUPPLY
11/19/2020
VOF-50-24 CUI-VOF-50-24 Datasheet
460Kb / 5P
AC-DC POWER SUPPLY
11/19/2020
VOF-50-5 CUI-VOF-50-5 Datasheet
460Kb / 5P
AC-DC POWER SUPPLY
11/19/2020
More results

Similar Description - VOF-50

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CH0018 ETC2-CH0018 Datasheet
229Kb / 1P
AC/DC Power Supply
logo
CUI INC
VOF-6 CUI-VOF-6_11 Datasheet
239Kb / 5P
AC-DC POWER SUPPLY
VOF-10 CUI-VOF-10_11 Datasheet
208Kb / 5P
AC-DC POWER SUPPLY
VOF-25 CUI-VOF-25_11 Datasheet
265Kb / 5P
AC-DC POWER SUPPLY
VOF-45 CUI-VOF-45_11 Datasheet
237Kb / 5P
AC-DC POWER SUPPLY
VGD-30-D512 CUI-VGD-30-D512 Datasheet
313Kb / 4P
AC-DC POWER SUPPLY
VFM40-D512 CUI-VFM40-D512_12 Datasheet
253Kb / 4P
AC-DC POWER SUPPLY
VSK-S20-3R3U CUI-VSK-S20-3R3U Datasheet
155Kb / 4P
AC-DC POWER SUPPLY
VSK-S10-3R3UA-T CUI-VSK-S10-3R3UA-T Datasheet
370Kb / 5P
AC-DC POWER SUPPLY
VOF-80 CUI-VOF-80_12 Datasheet
250Kb / 5P
AC-DC POWER SUPPLY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com