| Electronic Components Datasheet Search |
|
HT83C51 Datasheet(PDF) 4 Page - Honeywell Solid State Electronics Center |
|
|
|||||||||||||||||||||||||||||
HT83C51 Datasheet(HTML) 4 Page - Honeywell Solid State Electronics Center |
|
4 / 12 page ![]() 4 HT83C51 OSCILLATOR CHARACTERISTICS IDLE MODE MEMORY An instruction that sets the PCON.0-bit causes that to be the last instruction executed prior to going into Idle mode. In the Idle mode, the internal clock to the CPU is gated off but not to the Interrupt, Timer, and Serial Port functions. The PCA can be programmed to either pause or continue operating during Idle Mode. The CPU status is completely preserved and all registers maintain their previous values during Idle Mode. The port pins hold the logical values that they had at the time the Idle mode was activated. ALE and PSENn hold at logic high levels. Idle mode can be terminated in two ways. Activation of any enabled interrupt will cause the PCON.0-bit to be cleared by hardware, terminating Idle mode. The interrupt will be serviced, and following the RETI instruction execution, the instruction after the one that caused Idle mode will be executed. Recovery from Idle mode is 3 oscillator periods plus 3 instruction cycles. The HT51 has a separate address space for Program and Data Memory. Internally the HT51 contains 8 Kbytes of Program Memory and 256 bytes of Data Memory. It can address up to 64 Kbytes of external Data Memory and 64 Kbytes of external Program Memory. There are 8 Kbytes of internal program memory in the HT51. The EAn pin must be tied to Vdd (power) to enable access to internal program memory locations. When the EAn pin is tied to Vdd, program fetches to addresses 0000H to 1FFFH will be made to internal program ROM. Program fetches to addresses 2000H through FFFFH are to external memory. The EAn pin must be tied to Vss (ground) to enable access to external program memory locations 0000H through 1FFFH. The HT51 implements 256 bytes of internal data RAM. The upper 128 bytes of this RAM occupy a parallel address space to the Special Function Registers (SFRs). The CPU determines if the internal access to an address above 7FH is to the upper 128 bytes of RAM or to the SFR space by the addressing mode of the instruction. If direct addressing is used, the access is to the SFR space. If indirect addressing is used, the access is to the internal RAM. Stack operations are indirectly addressed so the upper portion of RAM can be used as stack space. The HT51 contains three 16-bit timer/counters. Each of these are made up of two 8-bit registers (THx, TLx where x = 0, 1, or 2). Each of these three can operate in either timer or counter mode. In the timer mode, the TLx register is incremented once every machine cycle (12 oscillator periods). The count rate is 1/12th of the oscillator frequency. In counter mode, the register is incremented when a 1 to 0 transition is detected on the alternate function input corresponding to that timer (Tx where x = 0, 1, or 2). The maximum rate of count in counter mode that the HT51 can detect is 1/24th of the oscillator frequency. The input is XTAL1 and the output is XTAL2 for an inverting amplifier which can be used as an on-chip oscillator as shown in Figure 1. Make sure to qualify the crystal or alternate timing source over the temperature range of the intended application. If an external clock source such as the HTOSC is used, XTAL1 should be driven while XTAL2 floats as shown in Figure 2. There are no duty cycle requirements on the external clock signal, but minimum and maximum high and low times must be observed. For C1 and C2 values, contact crystal manufacturer Figure 1. Oscillator Connections XTAL 2 XTAL 1 Vss N/C External Oscillator Signal Figure 2. External Clock Drive Configuration The other way that Idle mode can be terminated is through a hardware reset, which can be accomplished by holding the RST pin high for 4 clock periods while the clock is running. Exiting Idle mode with a hardware reset will retain the contents of the on-chip RAM but the values in the SFRs will be lost and program execution will begin at address 0. C2 C1 XTAL 2 XTAL 1 Vss TIMER/COUNTERS |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |