Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51 Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # HT83C51
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51 Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button HT83C51 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 9Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
HT83C51
DC CHARACTERISTICS
Input Voltage, VDD to VSS ......................... -0.5 V to 7.0 V
Voltage On Any Pin to VSS ............... -0.5 V to VDD+0.3 V
Power Dissipation ............................................. 750 mW
Storage Temperature ............................... -65 to +325
°C
Lead Temperature (attachment, 10 sec) .............. 355
°C
IOL per Output Pin ............................................... 15 mA
ABSOLUTE MAXIMUM RATINGS (1)
Stresses in excess of those listed above may result in permanent damage. These
are stress ratings only, and operation at these levels is not implied. Frequent or
extended exposure to absolute maximum conditions may effect device reliability.
(1) Under steady state (non-transient conditions, IOL must be limited externally as follows:
maximum IOL per port pin
10mA
maximum IOL per 8-bit port
– port 0
26 mA
– port 1,2,3
15 mA
maximum total IOL for all output pins
71 mA
(2) If IOL exceeds the test conditions, VOL may exceed the related specifications.
(3) Pins are not guaranteed to sink current greater than the listed test conditions.
l
o
b
m
y
Sr
e
t
e
m
a
r
a
Pn
i
Mx
a
Mt
i
n
U)
3
(
s
n
o
i
t
i
d
n
o
C
t
s
e
T
L
I
Ve
g
a
t
l
o
V
w
o
L
t
u
p
n
I3
.
0
-
S
S
V8
.
0
H
I
V)
T
S
R
,
1
L
A
T
X
t
p
e
c
x
e
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I0
.
25
.
0
+
D
D
VV
1
H
I
V)
T
S
R
,
1
L
A
T
X
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
n
I5
8
.
35
.
0
+
D
D
VV
L
O
V)
2
,
1
(
e
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O
)
3
d
n
a
,
2
,
1
s
t
r
o
P
(
3
.
0V
A
µ
0
0
1
=
L
O
I
5
4
.
0V
A
m
6
.
1
=
L
O
I
0
.
1V
A
m
5
.
3
=
L
O
I
1
L
O
Ve
g
a
t
l
o
V
w
o
L
t
u
p
t
u
O)
2
,
1
(
)
n
N
E
S
P
,
E
L
A
,
0
t
r
o
P
(
3
.
0V
A
µ
0
0
2
=
L
O
I
5
4
.
0V
A
m
2
.
3
=
L
O
I
0
.
1V
A
m
0
.
7
=
L
O
I
H
O
Ve
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
)
n
N
E
S
P
,
E
L
A
,
3
,
2
,
1
t
r
o
P
(
2
.
4V
A
µ
0
1
-
=
H
O
I
8
.
3V
A
µ
0
3
-
=
H
O
I
0
.
3V
A
µ
0
6
-
=
H
O
I
1
H
O
V)
0
t
r
o
P
(
e
g
a
t
l
o
V
h
g
i
H
t
u
p
t
u
O
2
.
4V
A
µ
0
0
2
-
=
H
O
I
8
.
3V
A
m
2
.
3
-
=
H
O
I
0
.
3V
A
m
0
.
7
-
=
H
O
I
L
I
I)
3
d
n
a
,
2
,
1
s
t
r
o
P
(
t
n
e
r
r
u
C
t
u
p
n
I
0
l
a
c
i
g
o
L0
5
-A
µV
5
4
.
0
=
N
I
V
I
L
I)
0
t
r
o
P
(
t
n
e
r
r
u
C
e
g
a
k
a
e
L
t
u
p
n
I0
1
±A
µD
D
V
<
n
i
V
<
V
5
4
.
0
L
T
I)
3
d
n
a
,
2
,
1
s
t
r
o
P
(
t
n
e
r
r
u
C
n
o
i
t
i
s
n
a
r
T
0
o
t
1
l
a
c
i
g
o
L0
5
6
-A
µV
2
=
N
I
V
T
S
R
Rr
o
t
s
i
s
e
R
n
w
o
d
ll
u
P
T
S
R0
15
2
2W
K
O
I
Ce
c
n
a
t
i
c
a
p
a
C
n
i
P
l
a
c
i
p
y
t
0
1F
pC
°
5
2
,
z
H
M
1
@
D
D
I
g
n
i
t
a
r
e
p
O
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
P
e
l
d
I
0
7
5
1
A
m
A
m
z
H
M
6
1
z
H
M
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com