Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

HT83C51 Datasheet(PDF) 1 Page - Honeywell Solid State Electronics Center

Part # HT83C51
Description  HIGH TEMPERATURE 83C51 MICROCONTROLLER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

HT83C51 Datasheet(HTML) 1 Page - Honeywell Solid State Electronics Center

  HT83C51 Datasheet HTML 1Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 2Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 3Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 4Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 5Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 6Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 7Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 8Page - Honeywell Solid State Electronics Center HT83C51 Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Preliminary
HT83C51
HTMOSTM High Temperature Products
HIGH TEMPERATURE 83C51
MICROCONTROLLER
FEATURES
• HTMOS Specified Over -55 to +225
°C
• 8-bit CPU Optimized For 5 Volt Control Applications
• Four 8-bit Bidirectional Parallel Ports
• Three 16-bit Timer/Counters with One Up/Down
Timer/Counter and Clock Out
• Programmable Counter Array with:
– Capture/Compare
– Software Timer with Watchdog Capability
– High Speed Output
– Pulse Width Modulator
• Interrupt Structure with Seven Sources and
Four Priority Levels
• Half Duplex Programmable Serial Port with:
– Framing Error Detection
– Automatic Address Recognition
• 64K External Program Memory Address Space
• Hermetic 40-Pin Ceramic DIP
• 64K External Data Memory Address Space
• 256 Bytes Internal Data Memory
• 8K Byte Mask ROM
• On-Chip Oscillator
• MCS-51Compatible Instruction Set
• Down-Hole Oil Well
• Avionics
• Turbine Engine Control
• Industrial Process Control
• Nuclear Reactor
• Electric Power Conversion
• Heavy Duty Internal Combustion Engines
The HT83C51 is a monolithic 8-bit microcontroller that is
pin equivalent to the Intel 8XC51FC microcontroller. Fab-
ricated with Honeywell’s dielectrically isolated high-tem-
perature (HTMOS™) process, it is designed specifically for
severe high-temperature applications such as down-hole
oil well, aerospace, turbine engine and industrial control.
The HT83C51 uses the standard MCS-51 instruction set
which is optimized for control applications. Pin-for-pin
equivalent to the MCS-51 series product, it is compatible
with all known development environments. Key features
include the programmable counter array, watch dog timer,
enhanced serial port for multi-processor communication
GENERAL DESCRIPTION
and a hierarchical interrupt structure. Software selectable
idle is included for reduced power. The HT83C51 varies
from the standard 83C51FC, in that it supports half-duplex
serial communication, and has 8K Bytes of Mask program-
mable ROM. The device is available in a standard pinout
DIP, with optional packages considered.
These microcontrollers provide guaranteed performance
supporting operating frequencies in excess of 16 MHz
over the full -55 to +225
°C temperature range. Typically,
parts will operate up to +300
°C for a year, with derated
performance. All parts are burned in at 250
°C to eliminate
infant mortality.
APPLICATIONS
Solid State Electronics Center • 12001 State Highway 55, Plymouth, MN 55441 • (800) 323-8295 • http://www.ssec.honeywell.com


Similar Part No. - HT83C51

ManufacturerPart #DatasheetDescription
logo
Bi technologies
HT83 BITECH-HT83 Datasheet
98Kb / 3P
Common Mode Chokes for High Speed Telecommunications
HT83-00007 BITECH-HT83-00007 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT83-00787 BITECH-HT83-00787 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT83-05088 BITECH-HT83-05088 Datasheet
416Kb / 4P
T1/CEPT/ISDN-Pri Telecom Products
HT83-99626 BITECH-HT83-99626 Datasheet
98Kb / 3P
Common Mode Chokes for High Speed Telecommunications
More results

Similar Description - HT83C51

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS89C420 DALLAS-DS89C420 Datasheet
539Kb / 59P
Ultra-High-Speed Microcontroller
logo
Intel Corporation
83C51KB INTEL-83C51KB Datasheet
273Kb / 19P
HIGH PERFORMANCE KEYBOARD MICROCONTROLLER
logo
Dallas Semiconductor
DS5240 DALLAS-DS5240 Datasheet
43Kb / 3P
High-Speed Secure Microcontroller
logo
Intel Corporation
87C151SB INTEL-87C151SB Datasheet
297Kb / 33P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
80C251SB16 INTEL-80C251SB16 Datasheet
428Kb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
Maxim Integrated Produc...
DS89C420 MAXIM-DS89C420_05 Datasheet
485Kb / 47P
Ultra-High-Speed Microcontroller
REV: 081805
logo
Dallas Semiconductor
DS80C310 DALLAS-DS80C310_09 Datasheet
382Kb / 22P
High-Speed Microcontroller
logo
Intel Corporation
EE80C251TB24 INTEL-EE80C251TB24 Datasheet
1Mb / 36P
HIGH-PERFORMANCE CHMOS MICROCONTROLLER
logo
National Semiconductor ...
HPC16064 NSC-HPC16064 Datasheet
407Kb / 36P
High-Performance microController
logo
Maxim Integrated Produc...
DS80C310 MAXIM-DS80C310 Datasheet
382Kb / 22P
High-Speed Microcontroller
19-4859 ; Rev 8/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com