Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPM1004 Datasheet(PDF) 13 Page - Sumida Corporation

Part # SPM1004
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004 Datasheet(HTML) 13 Page - Sumida Corporation

Back Button SPM1004 Datasheet HTML 9Page - Sumida Corporation SPM1004 Datasheet HTML 10Page - Sumida Corporation SPM1004 Datasheet HTML 11Page - Sumida Corporation SPM1004 Datasheet HTML 12Page - Sumida Corporation SPM1004 Datasheet HTML 13Page - Sumida Corporation SPM1004 Datasheet HTML 14Page - Sumida Corporation SPM1004 Datasheet HTML 15Page - Sumida Corporation SPM1004 Datasheet HTML 16Page - Sumida Corporation SPM1004 Datasheet HTML 17Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 13 of 28
SPM1004-1V5, VOUT = 1.5V
Fig. 9 Efficiency vs Output Current
Fig. 10 Power Dissipation vs Output Current
SPM1004-1V2, VOUT = 1.2V
Fig. 11 Efficiency vs Output Current
Fig. 12 Power Dissipation vs Output Current
85
86
87
88
89
90
91
92
93
0
1
2
3
4
5
6
Output Current (A)
Vin = 9 V
Vin = 12 V
Vin = 15 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
5
6
Output Current (A)
Vin = 9 V
Vin = 12 V
Vin = 15 V
82
84
86
88
90
92
94
96
0
1
2
3
4
5
6
Output Current (A)
Vin = 9 V
Vin = 12 V
Vin = 15 V
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1
2
3
4
5
6
Output Current (A)
Vin = 9 V
Vin = 12 V
Vin = 15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com