Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPM1004 Datasheet(PDF) 21 Page - Sumida Corporation

Part # SPM1004
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004 Datasheet(HTML) 21 Page - Sumida Corporation

Back Button SPM1004 Datasheet HTML 17Page - Sumida Corporation SPM1004 Datasheet HTML 18Page - Sumida Corporation SPM1004 Datasheet HTML 19Page - Sumida Corporation SPM1004 Datasheet HTML 20Page - Sumida Corporation SPM1004 Datasheet HTML 21Page - Sumida Corporation SPM1004 Datasheet HTML 22Page - Sumida Corporation SPM1004 Datasheet HTML 23Page - Sumida Corporation SPM1004 Datasheet HTML 24Page - Sumida Corporation SPM1004 Datasheet HTML 25Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 21 of 28
Fig. 25 Sequencing Startup Schematic, VOUT1 = 2.5V,
VOUT2 = 1.8V
Fig. 26 Sequencing Startup Waveform, VOUT1 = 2.5V,
VOUT2 = 1.8V
Transient Response
SPM1004 uses Constant-On-Time (COT) control and achieves excellent transient performance. The following table
summarizes the measured data for each output voltage when the load current undergoes a 3A step between 2A and
5A. The slew rate for the load current change is 1A/µs. The measured transient waveforms are given from Fig. 27 to
Fig. 34.
Table 2. Output Voltage Transient Response
Test Conditions: CIN = 3 x 47µF ceramic capacitor, COUT = 4 × 47µF ceramic capacitor
Module Part Number
VIN
VOUT
3A Load Step (2A to 5A) at 1A/µs
Voltage Deviation (mV)
Recovery Time (µs)
SPM1004-5V0
12V
5V
30
75
SPM1004-3V3
12V
3.3V
25
50
SPM1004-2V5
12V
2.5V
25
50
SPM1004-1V8
12V
1.8V
20
50
SPM1004-1V5
12V
1.5V
20
50
SPM1004-1V2
12V
1.2V
20
30
SPM1004-1V0
12V
1.0V
20
30
SPM1004-0V8
12V
0.8V
20
25
The following figures show the typical output voltage waveforms when the load current undergoes a step change
between 2A and 5A (3A step), showing that the SPM1004 series achieves excellent dynamic performance.
PWRGD
VOUT
EN
VOUT1 2.5V
PWRGD
VOUT
EN
VOUT2 1.8V
SPM1004-1V8
SPM1004-2V5
VOUT_2
(2 V/div)
VOUT_1
(1 V/div)
VPWRGD_1
(1 V/div)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com