Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

SPM1004 Datasheet(PDF) 4 Page - Sumida Corporation

Part # SPM1004
Description  12V Input 6A Output Power Supply in Inductor (PSI2) Module
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

SPM1004 Datasheet(HTML) 4 Page - Sumida Corporation

  SPM1004 Datasheet HTML 1Page - Sumida Corporation SPM1004 Datasheet HTML 2Page - Sumida Corporation SPM1004 Datasheet HTML 3Page - Sumida Corporation SPM1004 Datasheet HTML 4Page - Sumida Corporation SPM1004 Datasheet HTML 5Page - Sumida Corporation SPM1004 Datasheet HTML 6Page - Sumida Corporation SPM1004 Datasheet HTML 7Page - Sumida Corporation SPM1004 Datasheet HTML 8Page - Sumida Corporation SPM1004 Datasheet HTML 9Page - Sumida Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SPM1004
Version 3.3
February 19, 2016
Page 4 of 28
Part 2: Electrical Characteristics Specific for Each Individual Model
SPM1004-5V0
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSTART
Startup voltage
Over IOUT range
8.5
9.0
9.5
V
UVLO
Under Voltage Lock Out
Over IOUT range
7.0
7.5
8.0
V
VOUT(adj): Output voltage trim range
Over IOUT range
4.5
5.0
5.5
V
VOUT
Set point accuracy
TA = 25°C, VIN = 12V, IOUT = 3A
±1%
Temperature variation
-40°C < TA < +85°C, IOUT = 3A
±0.5%
Line regulation
Over VIN range, TA = 25°C, IOUT = 3A
±0.5%
Load regulation
Over IOUT range, TA = 25°C, VIN = 12V
±1%
Total variation
Set-point, line, load, temperature variation
±4%
Vo_rip,
Output voltage ripple
20MHz bandwidth, VIN = 12V, IOUT = 6A
20
mVpp
η
Efficiency
VIN = 12V
IOUT = 3A
95.2%
IOUT = 6A
94.2%
VIN = 9V
IOUT = 3A
96.1%
IOUT = 6A
94.5%
VIN = 15V
IOUT = 3A
94.3%
IOUT = 6A
93.7%
Transient Response
1A/μs load step
between 2A and 5A
Over/undershoot
30
mV
Recovery time
75
μs
FS
Switching frequency
VIN = 12V, IOUT = 6A
800
kHz
ILIM
Current Limit Point
VIN = 12V
8.5
A
SPM1004-3V3
PARAMETERS
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VSTART
Startup voltage
Over IOUT range
8.0
8.5
9.0
V
UVLO
Under Voltage Lock Out
Over IOUT range
6.5
7.0
7.5
V
VOUT(adj): Output voltage trim range
Over IOUT range
2.97
3.3
3.63
V
VOUT
Set point accuracy
TA = 25°C, VIN = 12V, IOUT = 3A
±1%
Temperature variation
-40°C < TA < +85°C, IOUT = 3A
±0.5%
Line regulation
Over VIN range, TA = 25°C, IOUT = 3A
±0.5%
Load regulation
Over IOUT range, TA = 25°C, VIN = 12V
±1%
Total variation
Set-point, line, load, temperature variation
±3%
Vo_rip,
Output voltage ripple
20MHz bandwidth, VIN = 12V, IOUT = 6A
20
mVpp
η
Efficiency
VIN = 12V
IOUT = 3A
93.5%
IOUT = 6A
91.8%
VIN = 9V
IOUT = 3A
94.3%
IOUT = 6A
92.2%
VIN = 15V
IOUT = 3A
92.7%
IOUT = 6A
91.3%
Transient Response
1A/μs load step
between 2A and 5A
Over/undershoot
25
mV
Recovery time
50
μs
FS
Switching frequency
VIN = 12V, IOUT = 6A
800
kHz
ILIM
Current Limit Point
VIN = 12V
8.5
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com