Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1961 Datasheet(PDF) 3 Page - IXYS Corporation

Part # CPC1961
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1961 Datasheet(HTML) 3 Page - IXYS Corporation

  CPC1961 Datasheet HTML 1Page - IXYS Corporation CPC1961 Datasheet HTML 2Page - IXYS Corporation CPC1961 Datasheet HTML 3Page - IXYS Corporation CPC1961 Datasheet HTML 4Page - IXYS Corporation CPC1961 Datasheet HTML 5Page - IXYS Corporation CPC1961 Datasheet HTML 6Page - IXYS Corporation CPC1961 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
CPC1961
www.ixysic.com
3
R08
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
LED Forward Voltage Drop (V)
1.23
1.24
1.25
1.26
1.27
0
5
10
15
20
25
30
35
Typical LED Forward Voltage Drop
(I
F=5mA, TA=25ºC)
On-State Voltage (V)
2.1
2.2
2.3
2.4
2.5
0
5
10
15
20
25
Typical On-State Output
Forward Voltage Distribution
(I
F=5mA, IL=250mA, TA=25ºC)
Blocking Voltage (V
P)
735
740
745
750
755
0
5
10
15
20
25
Typical Blocking Voltage Distribution
(I
F=0mA, TA=25ºC)
LED Forward Current (mA)
1.10
1.15
1.20
1.25
1.30
0
5
10
15
20
Typical I
F for Switch Operation
(I
L=250mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
1.0
1.1
1.2
1.3
1.4
1.5
1.6
LED Forward Voltage vs. Temperature
I
F=50mA
I
F=20mA
I
F=10mA
I
F=5mA
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
Typical I
F for Switch Operation
vs. Temperature
(I
L=250mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Typical I
F for Switch Dropout
vs. Temperature
(I
L=250mA)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com