Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1961 Datasheet(PDF) 4 Page - IXYS Corporation

Part # CPC1961
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1961 Datasheet(HTML) 4 Page - IXYS Corporation

  CPC1961 Datasheet HTML 1Page - IXYS Corporation CPC1961 Datasheet HTML 2Page - IXYS Corporation CPC1961 Datasheet HTML 3Page - IXYS Corporation CPC1961 Datasheet HTML 4Page - IXYS Corporation CPC1961 Datasheet HTML 5Page - IXYS Corporation CPC1961 Datasheet HTML 6Page - IXYS Corporation CPC1961 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
4
R08
CPC1961
PERFORMANCE DATA*
*The Performance data shown in the graphs above is typical of device performance. For guaranteed parameters not indicated in the written specifications, please
contact our application department.
Temperature (ºC)
-40
-20
0
20
40
60
80
100
2.05
2.10
2.15
2.20
2.25
2.30
2.35
2.40
2.45
Typical On-State Voltage
vs. Temperature
(I
F=5mA, IL=250mA)
-3
-2
-1
0123
-300
-200
-100
0
100
200
300
Output Voltage (V)
Typical Output Voltage
vs. Output Current
(I
F=5mA, TA=25ºC)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
50
100
150
200
250
300
Maximum Concurrent
Total Load Current vs. Temperature
(I
F=5mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
710
720
730
740
750
760
770
780
790
Typical Blocking Voltage
vs. Temperature
(I
F=0mA)
Temperature (ºC)
-40
-20
0
20
40
60
80
100
0
20
40
60
80
100
120
140
Typical Leakage vs. Temperature
Measured Between Pins 5&6 and 7&8
(I
F=0mA, VL=600V)
Time (s)
0.001
0.01
0.1
1
10
100
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Maximum Non-Repetitive Surge Current
(T
A=25ºC)



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com