Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC1961 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC1961
Description  Machine Insertable, Wave Solderable
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC1961 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC1961 Datasheet HTML 1Page - IXYS Corporation CPC1961 Datasheet HTML 2Page - IXYS Corporation CPC1961 Datasheet HTML 3Page - IXYS Corporation CPC1961 Datasheet HTML 4Page - IXYS Corporation CPC1961 Datasheet HTML 5Page - IXYS Corporation CPC1961 Datasheet HTML 6Page - IXYS Corporation CPC1961 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC1961-R08
1
CPC1961
Dual AC Solid State Relays
Part #
Description
CPC1961G
8-Pin Dip (50/Tube)
CPC1961GS
8-Pin Surface Mount (50/Tube)
CPC1961GSTR
8-Pin Surface Mount (1000/Reel)
Parameters
Ratings
Units
Blocking Voltage
600
V
P
AC Operating Voltage
260
V
rms
Load Current 1
250
mA
rms
On State Voltage Drop
3
V
rms (at IL = 250mArms)
1 One Pole Operating
Applications
Features
Description
Ordering Information
Pin Configuration
Programmable Control
Process Control
Power Control Panels
Remote Switching
Gas Pump Electronics
Contactors
Large Relays
Solenoids
Motors
Heaters
Load Current up to 250 mA
rms
600V
P Blocking Voltage
5mA Sensitivity
Zero-Crossing Detection
DC Control, AC Output
Optically Isolated
TTL and CMOS Compatible
Low EMI and RFI Generation
High Noise Immunity
Machine Insertable, Wave Solderable
Flammability Classification Rating of V-0
The CPC1961 is a dual single-pole AC solid state
relay that uses optical coupling with dual monolithic
SCR outputs to produce an alternative to optocoupler
and Triac circuits. The CPC1961 switches are robust
enough to provide up to a 600V
P blocking voltage. In
addition, tightly controlled zero cross circuitry ensures
switching of AC loads without the generation of
transients. The input and output circuits are optically
coupled to provide 3750V
rms of isolation and noise
immunity between control and load circuits. As a result
the CPC1961 is well suited for industrial environments
where electromagnetic interference would disrupt the
operation of electromechanical relays. The CPC1961 is
offered in a space saving 8-pin DIP package with two
independent switches.
Approvals
UL Recognized Component: File 69938
CSA Certified Component: File 043639
ZC
AC Load
AC Load
– LED
+ LED 3
4
6
5
ZC
AC Load
AC Load
– LED
+ LED 1
2
8
7


Similar Part No. - CPC1961

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC1961 CLARE-CPC1961 Datasheet
115Kb / 6P
AC Solid State Relay
CPC1961 CLARE-CPC1961 Datasheet
127Kb / 7P
Dual AC Solid State Relays
logo
Littelfuse
CPC1961 LITTELFUSE-CPC1961 Datasheet
185Kb / 7P
Dual AC Solid State Relays
11/18/2025
logo
Clare, Inc.
CPC1961G CLARE-CPC1961G Datasheet
115Kb / 6P
AC Solid State Relay
CPC1961G CLARE-CPC1961G Datasheet
127Kb / 7P
Dual AC Solid State Relays
More results

Similar Description - CPC1961

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
CPC1777 IXYS-CPC1777 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1779 IXYS-CPC1779 Datasheet
195Kb / 7P
Machine Insertable, Wave Solderable
CPC1786 IXYS-CPC1786 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1788 IXYS-CPC1788 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1908 IXYS-CPC1908 Datasheet
198Kb / 7P
Machine Insertable, Wave Solderable
CPC1909 IXYS-CPC1909 Datasheet
197Kb / 7P
Machine Insertable, Wave Solderable
CPC1916 IXYS-CPC1916 Datasheet
107Kb / 6P
Machine Insertable, Wave Solderable
CPC1918 IXYS-CPC1918 Datasheet
196Kb / 7P
Machine Insertable, Wave Solderable
CPC1943 IXYS-CPC1943 Datasheet
115Kb / 6P
Machine Insertable, Wave Solderable
CPC1945G IXYS-CPC1945G Datasheet
103Kb / 6P
Machine Insertable, Wave Solderable
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com