Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC2G38 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74LVC2G38
Description  Dual 2-input NAND gate (open drain)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G38 Datasheet(HTML) 4 Page - NXP Semiconductors

  74LVC2G38 Datasheet HTML 1Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 2Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 3Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 4Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
2004 Oct 18
4
Philips Semiconductors
Product specification
Dual 2-input NAND gate (open drain)
74LVC2G38
38
1A
VCC
1B
1Y
2Y
2B
GND
2A
001aab829
1
2
3
4
6
5
8
7
Fig.1 Pin configuration TSSOP8 and VSSOP8.
38
2B
1Y
VCC
2A
2Y
1B
1A
GND
001aab830
36
27
18
45
Transparent top view
Fig.2 Pin configuration XSON8.
handbook, halfpage
MNB129
1A
1B
1Y
2
1
7
2A
2B
2Y
6
5
3
Fig.3 Logic symbol.
handbook, halfpage
2
7
&
1
6
3
&
5
MNB130
Fig.4 Logic symbol (IEEE/IEC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com