Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC2G38 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # 74LVC2G38
Description  Dual 2-input NAND gate (open drain)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G38 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button 74LVC2G38 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 13Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
2004 Oct 18
10
Philips Semiconductors
Product specification
Dual 2-input NAND gate (open drain)
74LVC2G38
handbook, full pagewidth
VEXT
VCC
VI
VO
MNA616
D.U.T.
CL
RT
RL
RL
PULSE
GENERATOR
Fig.7 Load circuitry for switching times.
Definitions for test circuit:
RL = Load resistor.
CL = Load capacitance including jig and probe capacitance.
RT = Termination resistance should be equal to the output impedance Zo of the pulse generator.
VCC
VI
CL
RL
VEXT
tPLH/tPHL
tPZH/tPHZ
tPZL/tPLZ
1.65 V to 1.95 V
VCC
30 pF
1 k
Ω
open
GND
2
× VCC
2.3 V to 2.7 V
VCC
30 pF
500
Ω
open
GND
2
× VCC
2.7 V
2.7 V
50 pF
500
Ω
open
GND
6 V
3.0 V to 3.6 V
2.7 V
50 pF
500
Ω
open
GND
6 V
4.5 V to 5.5 V
VCC
50 pF
500
Ω
open
GND
2
× VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com