Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

74LVC2G38 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74LVC2G38
Description  Dual 2-input NAND gate (open drain)
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC2G38 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74LVC2G38 Datasheet HTML 5Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 6Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 7Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 8Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 9Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 10Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 11Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 12Page - NXP Semiconductors 74LVC2G38 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
2004 Oct 18
9
Philips Semiconductors
Product specification
Dual 2-input NAND gate (open drain)
74LVC2G38
AC CHARACTERISTICS
GND = 0 V.
Note
1. All typical values are measured at Tamb =25 °C.
AC WAVEFORMS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
WAVEFORMS
VCC (V)
Tamb = −40 °C to +85 °C; note 1
tPZL/tPLZ
propagation delay inputs nA
and nB to output nY
see Figs 6 and 7 1.65 to 1.95
1.2
3.0
8.6
ns
2.3 to 2.7
0.7
1.8
4.8
ns
2.7
0.7
2.5
4.4
ns
3.0 to 3.6
0.7
2.1
4.1
ns
4.5 to 5.5
0.5
1.5
3.3
ns
Tamb = −40 °C to +125 °C
tPZL/tPLZ
propagation delay inputs nA
and nB to output nY
see Figs 6 and 7 1.65 to 1.95
1.2
−
10.8
ns
2.3 to 2.7
0.7
−
6.0
ns
2.7
0.7
−
5.5
ns
3.0 to 3.6
0.7
−
5.2
ns
4.5 to 5.5
0.5
−
4.2
ns
handbook, full pagewidth
MNB132
tPLZ
VX
nY output
nA, nB input
VI
VCC
VM
VOL
GND
tPZL
VM
Fig.6 Inputs nA and nB to output nY propagation delay times.
VCC
VM
VX
INPUT
VI
tr =tf
1.65 V to 1.95 V
0.5
× VCC
VOL + 0.15 V
VCC
≤ 2.0 ns
2.3 V to 2.7 V
0.5
× VCC
VOL + 0.15 V
VCC
≤ 2.0 ns
2.7 V
1.5 V
VOL + 0.3 V
2.7 V
≤ 2.5 ns
3.0 V to 3.6 V
1.5 V
VOL + 0.3 V
2.7 V
≤ 2.5 ns
4.5 V to 5.5 V
0.5
× VCC
VOL + 0.3 V
VCC
≤ 2.5 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com