Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMD28-461SL Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMD28-461SL
Description  EMI Input Filters 28 Volt input ??7 Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461SL Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMD28-461SL Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC-DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
FIguRe 1: FMd28-461 BlOck dIagRaM
FIguRe 2: cOnnectIOn dIagRaM
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
0.1 µF
50 V
0.015 µF
500 V
Positive
Input
Input
Common
Positive
Output
Output
Common
4.1 µH
4.1 µH
4.1 µH
135 µH
6 µF
50 V
10 µF
50 V
1.3 V
135 µH
0.015 µF
500 V
0.015 µF
500 V
Crane Aerospace & Electronics Power Solutions
Page 2 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev AA - 2014.02.06
www.craneae.com/interpoint



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com