Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMD28-461SL Datasheet(PDF) 8 Page - Interpoint Corporation Company

Part # FMD28-461SL
Description  EMI Input Filters 28 Volt input ??7 Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461SL Datasheet(HTML) 8 Page - Interpoint Corporation Company

  FMD28-461SL Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
STandard and /eS (non-Qml) enVironmenTal Screening 1, 2
non
-Qml
TeST performed
STandard
/eS
Pre-cap Inspection
Method 2017, 2032
n
n
Temperature Cycle (10 times)
Method 1010, Cond. B, -55°C to +125°C, ambient
n
Constant Acceleration
Method 2001, 500 g
n
Burn-in
Method 1015 3
96 hours
n
Final Electrical Test MIL-PRF-38534, Group A
Subgroups 1 and 4: +25°C case
n
n
Hermeticity Test
Fine Leak, Method 1014, Cond. A
n
Gross Leak, Method 1014, Cond. C
n
Gross Leak, Dip
n
Final visual inspection
Method 2009
n
n
Test methods are referenced to MIL-STD-883 as determined by MIL-PRF-38534.
Notes:
1. “Non-QML” Refers to products that do not offer QML screening.
2. Standard and /ES, non-QML products, may not meet all of the requirements of MIL-PRF-38534.
3. Burn-in temperature designed to bring the case temperature to the maximum case temperature of the product. Refer to the specific
product information for the maximum case temperature. Burn-in is a powered test.
taBle 7: envIROnMental scReenIng–hIgh RelIaBIlIty standaRd and /es, nOn-QMl
Crane Aerospace & Electronics Power Solutions
Quality Assurance and Certification
APPLICATION NOTE
Page 11 of 13
APP-009 Rev AB - 2014.01.28
www.craneae.com/interpoint
taBle 6: envIROnMental scReenIng
Crane Aerospace & Electronics Power Solutions
FMD28-461 EMI Input Filters, FMD28 Rev AA - 2014.02.06. This revision supersedes all previous releases. All technical information is believed to be
accurate, but no responsibility is assumed for errors or omissions. Crane Electronics, Inc. reserves the right to make changes in products or speci-
fications without notice. Interpoint is a registered trademark of Crane Co. and FMD28 Series is a trademark of Crane Electronics, Inc. Copyright ©
1999 - 2014 Crane Electronics, Inc. All rights reserved. www.craneae.com/interpoint
Page 8 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com