Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

FMD28-461SL Datasheet(PDF) 3 Page - Interpoint Corporation Company

Part # FMD28-461SL
Description  EMI Input Filters 28 Volt input ??7 Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMD28-461SL Datasheet(HTML) 3 Page - Interpoint Corporation Company

  FMD28-461SL Datasheet HTML 1Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 2Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 3Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 4Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 5Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 6Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 7Page - Interpoint Corporation Company FMD28-461SL Datasheet HTML 8Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
FIguRe 3: pIn Out FMd28-461
5
4
3
1
2
Squared corner and dot on top
of package indicate pin one.
BOTTOM VIEW
FMD28-461
See “Figure 6: Case J4 - FMD28-461” on page 6 for dimensions.
taBle 1: pIn Out FMd28-461
taBle 2: pIn Out FMd28-461sl
Crane Aerospace & Electronics Power Solutions
Page 3 of 8
FMD28-461 eMi input Filters
28 Volt input – 7 aMp
FMD28 Rev AA - 2014.02.06
www.craneae.com/interpoint
Notes
1. All pins must be connected.
2. The baseplate is the only case ground connection and
should directly contact chassis ground.
pin
FMD28-461
1
Positive Input
2
Positive Output
3
Output Common
4
Case Ground 1
5
Input Common
pin 1
FMD28-461sl
1, 2, 3
Positive Input
4, 5, 6
Input Common
7, 8, 9
Output Common
10, 11, 12 Positive Output
Case Ground 2
Angled corner and cover marking indicate pin one.
TOP VIEW
FMD28-461
1
2
3
4
5
6
12
11
10
9
8
7
See “Figure 7: Case U - FMD28-461SL” on page 7 for dimensions.
FIguRe 4: pIn Out FMd28-461sl
1. Although the down-leaded packages
can be connected to chassis ground with
the case ground lead, direct contact of
the base plate to chassis improves EMI
performance.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com