Electronic Components Datasheet Search
  British  ▼
ALLDATASHEET.CO.UK

X  

CPC5601 Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC5601
Description  Auxiliary Programmable Driver IC
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC5601 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC5601 Datasheet HTML 6Page - IXYS Corporation CPC5601 Datasheet HTML 7Page - IXYS Corporation CPC5601 Datasheet HTML 8Page - IXYS Corporation CPC5601 Datasheet HTML 9Page - IXYS Corporation CPC5601 Datasheet HTML 10Page - IXYS Corporation CPC5601 Datasheet HTML 11Page - IXYS Corporation CPC5601 Datasheet HTML 12Page - IXYS Corporation CPC5601 Datasheet HTML 13Page - IXYS Corporation CPC5601 Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
INTEGRATED CIRCUITS DIVISION
CPC5601
10
www.ixysic.com
R04
2.7 Operational Sequence
In the application circuits above, the CPC5601 is pow-
ered from the telephone line only when the LITELINK
is off-hook. This requires that you set the telephone
line characteristics controlled by the CPC5601 under
host system control immediately after taking the DAA
off-hook or after pulse dialing is complete, using the
following sequence:
1.
For incoming calls, validate a ring signal by hav-
ing the host system poll or read the output of
RING (ring detect via snoop circuit on the LITE-
LINK) or RING (ring detect via opto-isolated ring
circuit in the CPC5601).
2.
Assert OH to complete the connection.
3.
Set the telephone line characteristics of the DAA
using the CPC5601 via the programming method
(see “Programming” on page 10).
With this circuit, you must program the CPC5601 as
soon as possible after asserting off hook. Leaving the
CPC5601 unprogrammed leaves open the possibility
of LITELINK instability due to lack of AC termination.
2.8 Output Current Ratings
Output b6 is the only output that can be used for the
current limiting function of a DAA. The FET on output
b6 can sink up to 120 mA of current, while the other
outputs can sink up to 10 mA.
The other outputs can be used for any of the other
switchable functions on the telephone line side of a
DAA, as long as the current does not exceed the
10 mA limit.
3. Programming
3.1 Latch Circuit Description
Data applied to the input pin is optically coupled to the
shift register through a pulse generator. Each low-to-
high transition in the pulse generator triggers a clock
pulse. Clock pulses are applied to the CLK input of six
rising-edge-triggered flip-flops. The non-inverted input
data is fed to the flip-flops at all times, but the flip-flops
are only clocked on receipt of a pulse from the pulse
generator. The flip-flops drive six FET switches.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com